Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99W Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99W
Description  Switching Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99W Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV99W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:A13
Small Signal Product
0
25
50
75
100
125
150
175
200
225
250
275
300
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VF (V)
Fig. 2 Forward Characteristics
150℃
25℃
Typ. Value
TA=25℃
Max. Value
10
100
1000
10000
100000
0
20
40
60
80 100 120 140 160 180 200
Tj (℃)
Fig. 4 Typical Reverse Characteristics
VR = 25V
75V
75V
typ
typ
max
0.1
1
10
100
1
10
100
1000
10000
tp (us)
Fig. 3 Maximim Non-repetitive Peak Forward Surge Current
0
25
50
75
100
125
150
175
200
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE(℃)
Fig. 1 Forward Current Derating Curve
Single diode loaded
Double diode loaded
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2468
10
12
14
16
VR (V)
Fig. 5 Typical Capacitance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com