Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2133UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA2133UA/2K5
Description  High-Speed, Precision DIFFERENCE AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2133UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  INA2133UA/2K5 Datasheet HTML 1Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 2Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 3Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 4Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 5Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 6Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 7Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 8Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©1999 Burr-Brown Corporation
PDS-1530A
Printed in U.S.A. June, 1999
®
FEATURES
q DESIGNED FOR LOW COST
q SINGLE, DUAL VERSIONS
q LOW OFFSET VOLTAGE DRIFT:
±450µV max, ±5µV/°C max
q LOW GAIN ERROR: 0.05% max
q WIDE BANDWIDTH: 1.5MHz
q HIGH SLEW RATE: 5V/
µs
q FAST SETTLING TIME: 5.5
µs to 0.01%
q LOW QUIESCENT CURRENT: 950
µA
q WIDE SUPPLY RANGE:
±2.25V to ±18V
q SO-8 and SO-14 PACKAGES
APPLICATIONS
q DIFFERENTIAL INPUT AMPLIFIER
BUILDING BLOCK
q DIFF IN / DIFF OUT AMPLIFIER
q UNITY-GAIN INVERTING AMPLIFIER
q GAIN = +1/2 OR G = +2 AMPLIFIER
q SUMMING AMPLIFIER
q SYNCHRONOUS DEMODULATOR
q CURRENT/DIFFERENTIAL LINE RECEIVER
q VOLTAGE-CONTROLLED CURRENT SOURCE
q BATTERY POWERED SYSTEMS
q LOW COST AUTOMOTIVE
DESCRIPTION
The INA133 and INA2133 are high slew rate, unity-
gain difference amplifiers consisting of a precision op
amp with a precision resistor network. The on-chip
resistors are laser trimmed for accurate gain and high
common-mode rejection. Excellent TCR tracking of the
resistors maintains gain accuracy and common-mode
rejection over temperature. They operate over a wide
supply range,
±2.25V to ±18V (+4.5V to +36V single
supply), and input common-mode voltage range extends
beyond the positive and negative supply rails.
INA133
INA2133
High-Speed, Precision
DIFFERENCE AMPLIFIERS
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
The differential amplifier is the foundation of many
commonly used circuits. The low cost INA133 and
INA2133 provide this precision circuit function without
using an expensive precision network.
The single version, INA133, package is the SO-8 surface
mount. The dual version, INA2133, package is the SO-14
surface mount. Both are specified for operation over the
extended industrial temperature range, –40
°C to +85°C.
Operation is from –55
°C to +125°C.
25k
Ω
25k
Ω
Sense
INA133
Output
V+
Ref
–In
+In
5
6
1
2
7
V–
4
3
25k
Ω
25k
Ω
Sense A
INA2133
Out A
V+
Ref A
–In A
+In A
12
13
14
2
11
V–
4
3
25k
Ω
25k
Ω
25k
Ω
25k
Ω
25k
Ω
25k
Ω
25k
Ω
25k
Ω
B
A
Sense B
Out B
Ref B
–In B
+In B
10
9
8
6
5
INA13
3
INA2133
For most current data sheet and other product
information, visit www.burr-brown.com
SBOS115


Similar Part No. - INA2133UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2133UA BURR-BROWN-INA2133UA Datasheet
190Kb / 15P
High-Speed, Precision DIFFERENCE AMPLIFIERS
INA2133UA BURR-BROWN-INA2133UA Datasheet
245Kb / 18P
High-Speed, Precision DIFFERENCE AMPLIFIERS
More results

Similar Description - INA2133UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
High-Speed, Precision DIFFERENCE AMPLIFIERS
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA143 TI1-INA143 Datasheet
331Kb / 15P
DIFFERENCE AMPLIFIERS
INA154 TI1-INA154 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
INA157 TI1-INA157 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com