Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2133UA/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA2133UA/2K5
Description  High-Speed, Precision DIFFERENCE AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2133UA/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  INA2133UA/2K5 Datasheet HTML 1Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 2Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 3Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 4Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 5Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 6Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 7Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 8Page - Texas Instruments INA2133UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
®
INA133, INA2133
INA133U
INA133UA
INA2133U
INA2133UA
SPECIFICATIONS: VS = ±15V
At TA = +25°C, VS = ±15V, RL = 10kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE(1)
RTO
Initial(1)
VCM = 0V
±150
±450
T
±900
µV
vs Temperature
TA = –40°C to +85°C
±2
±5
See Typical Curve
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
±10
±30
900
±50
µV/V
vs Time
0.3
T
µV/√mo
Channel Separation (dual)
dc
120
T
dB
INPUT IMPEDANCE(2)
Differential
50
T
k
Ω
Common-Mode
VCM = 0V
25
T
k
Ω
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
Positive
VO = 0V
2(V+) –3
2(V+) –2
TT
V
Negative
VO = 0V
2(V–) +3
2(V–) +2
TT
V
Common-Mode Rejection Ratio
VCM = –27V to +27V, RS = 0Ω
80
90
74
T
dB
OUTPUT VOLTAGE NOISE(3)
RTO
f = 0.1Hz to 10Hz
2
T
µVp-p
f = 10Hz
80
T
nV/
√Hz
f = 100Hz
60
T
nV/
√Hz
f = 1kHz
57
T
nV/
√Hz
GAIN
Initial
1
T
V/V
Error
VO = –14V to +13.5V
±0.02
±0.05
T
±0.1
%
vs Temperature
TA = –40°C to +85°C
±1
±10
TT
ppm/
°C
Nonlinearity
VO = –14V to +13.5V
±0.0001
±0.001
T
±0.002
% of FS
OUTPUT
Voltage Output
Gain Error < 0.1%
Positive
RL = 10kΩ to Ground
(V+) –1.5
(V+)–1.3
TT
V
Negative
RL = 10kΩ to Ground
(V–) +1
(V–)+0.8
TT
V
Positive
RL = 100kΩ to Ground
(V+)–0.8
T
V
Negative
RL = 100kΩ to Ground
(V–)+0.3
T
V
Current Limit, Continuous-to-Common
–25 /+32
T
mA
Capacitive Load (stable operation)
1000
T
pF
FREQUENCY RESPONSE
Small-Signal Bandwidth
–3dB
1.5
T
MHz
Slew Rate
5
T
V/
µs
Settling Time: 0.1%
10V Step, CL = 100pF
4
T
µs
0.01%
10V Step, CL = 100pF
5.5
T
µs
Overload Recovery Time
50% Overdrive
4
T
µs
POWER SUPPLY
Rated Voltage
±15
T
V
Operating Voltage Range
Dual Supplies
±2.25
±18
TT
V
Single Supply
+4.5
+36
TT
V
Quiescent Current (per amplifier)
IO = 0
±0.95
±1.2
TT
mA
TEMPERATURE RANGE
Specification
–40
+85
TT
°C
Operation
–55
+125
TT
°C
Storage
–55
+125
TT
°C
Thermal Resistance
θ
JA
SO-8 Surface Mount
150
T
°C/W
SO-14 Surface Mount
100
T
°C/W
T Specifications the same as INA133U, INA2133U.
NOTES: (1) Includes the effects of amplifier’s input bias and offset currents. (2) 25k
Ω resistors are ratio matched but have ±20% absolute value. (3) Includes effects
of amplifier’s input current noise and thermal noise contribution of resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com