Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 18Page - ATMEL Corporation AT89 Datasheet HTML 19Page - ATMEL Corporation AT89 Datasheet HTML 20Page - ATMEL Corporation AT89 Datasheet HTML 21Page - ATMEL Corporation AT89 Datasheet HTML 22Page - ATMEL Corporation AT89 Datasheet HTML 23Page - ATMEL Corporation AT89 Datasheet HTML 24Page - ATMEL Corporation AT89 Datasheet HTML 25Page - ATMEL Corporation AT89 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
22
AT89S8252
0401F–MICRO–11/03
Idle Mode
In idle mode, the CPU puts itself to sleep while all the on-chip peripherals remain active.
The mode is invoked by software. The content of the on-chip RAM and all the special
functions registers remain unchanged during this mode. The idle mode can be termi-
nated by any enabled interrupt or by a hardware reset.
Note that when idle mode is terminated by a hardware reset, the device normally
resumes program execution from where it left off, up to two machine cycles before the
internal reset algorithm takes control. On-chip hardware inhibits access to internal RAM
in this event, but access to the port pins is not inhibited. To eliminate the possibility of an
unexpected write to a port pin when idle mode is terminated by a reset, the instruction
following the one that invokes idle mode should not write to a port pin or to external
memory.
Power-down Mode
In the power-down mode, the oscillator is stopped and the instruction that invokes
power-down is the last instruction executed. The on-chip RAM and Special Function
Registers retain their values until the power-down mode is terminated. Exit from power-
down can be initiated either by a hardware reset or by an enabled external interrupt.
Reset redefines the SFRs but does not change the on-chip RAM. The reset should not
be activated before V
CC is restored to its normal operating level and must be held active
long enough to allow the oscillator to restart and stabilize.
To exit power-down via an interrupt, the external interrupt must be enabled as level sen-
sitive before entering power-down. The interrupt service routine starts at 16 ms
(nominal) after the enabled interrupt pin is activated.
Program Memory
Lock Bits
The AT89S8252 has three lock bits that can be left unprogrammed (U) or can be pro-
grammed (P) to obtain the additional features listed in the following table.
When lock bit 1 is programmed, the logic level at the EA pin is sampled and latched dur-
ing reset. If the device is powered up without a reset, the latch initializes to a random
value and holds that value until reset is activated. The latched value of EA must agree
with the current logic level at that pin in order for the device to function properly.
Once programmed, the lock bits can only be unprogrammed with the Chip Erase opera-
tions in either the parallel or serial modes.
Notes:
1. U = Unprogrammed
2. P = Programmed
Status of External Pins During Idle and Power-down Modes
Mode
Program
Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power-down
Internal
0
0
Data
Data
Data
Data
Power-down
External
0
0
Float
Data
Data
Data
Lock Bit Protection Modes(1)(2)
Program Lock Bits
Protection Type
LB1
LB2
LB3
1
U
U
U
No internal memory lock feature.
2
P
U
U
MOVC instructions executed from external program memory are disabled from fetching code bytes from
internal memory. EA is sampled and latched on reset and further programming of the Flash memory
(parallel or serial mode) is disabled.
3
P
P
U
Same as Mode 2, but parallel or serial verify are also disabled.
4
P
P
P
Same as Mode 3, but external execution is also disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com