Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 24Page - ATMEL Corporation AT89 Datasheet HTML 25Page - ATMEL Corporation AT89 Datasheet HTML 26Page - ATMEL Corporation AT89 Datasheet HTML 27Page - ATMEL Corporation AT89 Datasheet HTML 28Page - ATMEL Corporation AT89 Datasheet HTML 29Page - ATMEL Corporation AT89 Datasheet HTML 30Page - ATMEL Corporation AT89 Datasheet HTML 31Page - ATMEL Corporation AT89 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
28
AT89S8252
0401F–MICRO–11/03
Figure 13. Programming the Flash/EEPROM Memory
Figure 14. Verifying the Flash/EEPROM Memory
P1
P2.6
P3.6
P2.0 - P2.5
A0 - A7
ADDR.
0000H/27FFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-24 MHz
A8 - A13
P0
+5V
P2.7
PGM
DATA
PROG
V
PP
V
IH
ALE
P3.7
XTAL2
EA
RST
RDY/
BSY
P3.4
PSEN
XTAL1
GND
V
CC
AT89S8252
P1
P2.6
P3.6
P2.0 - P2.5
A0 - A7
ADDR.
0000H/2FFFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-24 Mhz
A8 - A13
P0
+5V
P2.7
PGM DATA
(USE 10K
PULLUPS)
V
I H
V
I H
ALE
P3.7
XTAL2
EA
RST
PSEN
XTAL1
GND
V
CC
AT89S8252
V
PP
Figure 15. Flash/EEPROM Serial Downloading
P1.7/SCK
DATA OUTPUT
INSTRUCTION
INPUT
CLOCK IN
3-24 MHz
+4.0V to 6.0V
P1.5/MOSI
V
IH
XTAL2
RST
XTAL1
GND
V
CC
AT89S52
P1.6/MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com