Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1504AS Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF1504AS
Description  High- Performance EE CPLD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF1504AS Datasheet HTML 1Page - ATMEL Corporation ATF1504AS Datasheet HTML 2Page - ATMEL Corporation ATF1504AS Datasheet HTML 3Page - ATMEL Corporation ATF1504AS Datasheet HTML 4Page - ATMEL Corporation ATF1504AS Datasheet HTML 5Page - ATMEL Corporation ATF1504AS Datasheet HTML 6Page - ATMEL Corporation ATF1504AS Datasheet HTML 7Page - ATMEL Corporation ATF1504AS Datasheet HTML 8Page - ATMEL Corporation ATF1504AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Features
• High Density, High Performance Electrically Erasable Complex Programmable Logic
Device
– 64 Macrocells
– 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
– 44, 68, 84, 100 pins
– 7 ns Maximum Pin-to-Pin Delay
– Registered Operation Up To 100 MHz
– Enhanced Routing Resources
• In-System Programmability (ISP) via JTAG
• Flexible Logic Macrocell
– D/T/Latch Configurable Flip Flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
– Programmable Output Open Collector Option
– Maximum Logic utilization by burying a register within a COM output
• Advanced Power Management Features
– Automatic 100
µµµµA Stand-By for “Z” Version
– Pin-Controlled 4 mA Stand-By Mode (Typical)
– Programmable Pin-Keeper Inputs and I/Os
– Reduced-Power Feature Per Macrocell
• Available in Commercial and Industrial Temperature Ranges
• Available in 44-, 68-, and 84-pin PLCC; 44- and 100-pin TQFP; and 100-pin PQFP
• Advanced EE Technology
– 100% Tested
– Completely Reprogrammable
– 100 Program/Erase Cycles
– 20 Year Data Retention
– 2000V ESD Protection
– 200 mA Latch-Up Immunity
• JTAG Boundary-Scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
• PCI-compliant
• 3.3 or 5.0V I/O pins
• Security Fuse Feature
Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• D - Latch Mode
• Combinatorial Output with Registered Feedback within any Macrocell
• Three Global Clock Pins
• ITD (Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
• Fast Registered Input from Product Term
• Programmable “Pin-Keeper” Option
• V
CC Power-Up Reset Option
• Pull-Up Option on JTAG Pins TMS and TDI
• Advanced Power Management Features
– Edge Controlled Power Down “L”
– Individual Macrocell Power Option
– Disable ITD on Global Clocks, Inputs and I/O
Description
The ATF1504AS is a high performance, high density Complex Programmable Logic
Device (CPLD) which utilizes Atmel’s proven electrically erasable memory technology.
With 64 logic macrocells and up to 68 inputs, it easily integrates logic from several
High-
Performance
EE CPLD
ATF1504AS
ATF1504ASZ
Rev. 0950D–07/98
(continued)


Similar Part No. - ATF1504AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
ATF1504AS-10AC100 ATMEL-ATF1504AS-10AC100 Datasheet
393Kb / 33P
High performance Complex Programmable Logic Device
ATF1504AS-10AC100 ATMEL-ATF1504AS-10AC100 Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
ATF1504AS-10AC44 ATMEL-ATF1504AS-10AC44 Datasheet
393Kb / 33P
High performance Complex Programmable Logic Device
ATF1504AS-10AC44 ATMEL-ATF1504AS-10AC44 Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
More results

Similar Description - ATF1504AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
High- Performance EE PLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
High Performance E2PROM CPLD
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
High Performance EE-Based CPLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
High- Performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
High- Performance EE PLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
High-performance EEPROM CPLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
High performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
High-performance EE PLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
High-Performance CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com