Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1504AS Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATF1504AS
Description  High- Performance EE CPLD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATF1504AS Datasheet HTML 12Page - ATMEL Corporation ATF1504AS Datasheet HTML 13Page - ATMEL Corporation ATF1504AS Datasheet HTML 14Page - ATMEL Corporation ATF1504AS Datasheet HTML 15Page - ATMEL Corporation ATF1504AS Datasheet HTML 16Page - ATMEL Corporation ATF1504AS Datasheet HTML 17Page - ATMEL Corporation ATF1504AS Datasheet HTML 18Page - ATMEL Corporation ATF1504AS Datasheet HTML 19Page - ATMEL Corporation ATF1504AS Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ATF1504AS(Z)
16
OE (1, 2)
Global OE Pins
GCLR
Global Clear Pin
GCLK (1, 2, 3)
Global Clock Pins
PD (1, 2)
Power down pins
TDI, TMS, TCK, TDO
JTAG pins used for Boundary Scan Testing or In-System Programming
GND
Ground Pins
VCCINT
VCC pins for the device (+5V - Internal)
V
CCIO
V
CC pins for output drivers (for I/O pins) (+5V or 3.3V - I/Os)
ATF1504AS Dedicated Pinouts
Dedicated Pin
44-Pin
TQFP
44-Pin
J-Lead
68-Pin
J-Lead
84-Pin
J-Lead
100-Pin
PQFP
100-Pin
TQFP
INPUT/OE2/GCLK2
40
2
2
2
92
90
INPUT/GCLR
39
1
1
1
91
89
INPUT/OE1
38
446884
9088
INPUT/GCLK1
37
436783
8987
I/O /GCLK3
35
41
65
81
87
85
I/O / PD (1,2)
5, 19
11, 25
17, 37
20, 46
14, 44
12, 42
I/O / TDI (JTAG)
1
7
12
14
6
4
I/O / TMS (JTAG)
7
131923
1715
I/O / TCK (JTAG)
26
32
50
62
64
62
I/O / TDO (JTAG)
32
38
57
71
75
73
GND
4, 16, 24, 36
10, 22, 30, 42
6, 16, 26, 34,
38, 48, 58, 66
7, 19, 32, 42,
47, 59, 72, 82
13, 28, 40, 45,
61, 76, 88, 97
11, 26, 38, 43,
59, 74, 86, 95
V
CCINT
9, 17, 29, 41
3, 15, 23, 35
3, 35
3, 43
41, 93
39, 91
V
CCIO
--
11, 21, 31, 43,
53, 63
13, 26, 38, 53,
66, 78
5, 20, 36, 53,
68, 84
3, 18, 34, 51,
66, 82
N/C
---
-
1, 2, 7, 9,
24, 26, 29, 30,
51, 52, 55, 57,
72, 74, 79, 80
1, 2, 5, 7, 22,
24, 27, 28, 49,
50, 53, 55, 70,
72, 77, 78
# of Signal Pins
36
36
52
68
68
68
# User I/O Pins
32
32
48
64
64
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com