Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1516ASL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATF1516ASL
Description  High Performance EE-Based CPLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1516ASL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATF1516ASL Datasheet HTML 3Page - ATMEL Corporation ATF1516ASL Datasheet HTML 4Page - ATMEL Corporation ATF1516ASL Datasheet HTML 5Page - ATMEL Corporation ATF1516ASL Datasheet HTML 6Page - ATMEL Corporation ATF1516ASL Datasheet HTML 7Page - ATMEL Corporation ATF1516ASL Datasheet HTML 8Page - ATMEL Corporation ATF1516ASL Datasheet HTML 9Page - ATMEL Corporation ATF1516ASL Datasheet HTML 10Page - ATMEL Corporation ATF1516ASL Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ATF1516AS/L
10
PCI Compliance
The ATF1516AS also supports the growing need in the
industry to support the new Peripheral Component Inter-
connect (PCI) interface standard in PCI-based designs and
specifications. The PCI interface calls for high current driv-
ers which are much larger than the traditional TTL drivers.
PCI Voltage-to-Current Curves for +5V
Signaling in Pull-Up Mode
PCI Voltage-to-Current Curves for +5V
Signaling in Pull-Down Mode
2.4
VCC
1.4
-2
-44
-178
Current (mA)
AC drive
point
DC
drive point
Pull Up
Test Point
2.2
VCC
0.55
3.6
95
380
Current (mA)
AC drive
point
DC
drive point
Pull Down
Test Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com