Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1516ASL Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1516ASL
Description  High Performance EE-Based CPLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1516ASL Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1516ASL Datasheet HTML 3Page - ATMEL Corporation ATF1516ASL Datasheet HTML 4Page - ATMEL Corporation ATF1516ASL Datasheet HTML 5Page - ATMEL Corporation ATF1516ASL Datasheet HTML 6Page - ATMEL Corporation ATF1516ASL Datasheet HTML 7Page - ATMEL Corporation ATF1516ASL Datasheet HTML 8Page - ATMEL Corporation ATF1516ASL Datasheet HTML 9Page - ATMEL Corporation ATF1516ASL Datasheet HTML 10Page - ATMEL Corporation ATF1516ASL Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ATF1516AS/L
11
Ordering Information
tPD
(ns)
tCO1
(ns)
fMAX
(MHz)
Ordering Code
Package
Operation Range
10
5
125
ATF1516AS-10QC160
ATF1516AS-10UC192
ATF1516AS-10QHC208
160Q
192U
208QH
Commercial
(0
°C to 70°C)
15
8
100
ATF1516AS-15QC160
ATF1516AS-15UC192
ATF1516AS-15QHC208
160Q
192U
208QH
Commercial
(0
°C to 70°C)
15
8
100
ATF1516AS-15Q160
ATF1516AS-15UI192
ATF1516AS-15QHI208
160Q
192U
208QH
Industrial
(-40
°C to +85°C)
20
12
83.3
ATF1516ASL-20QC160
ATF1516ASL-20UC192
ATF1516ASL-20QHC208
160Q
192U
208QH
Commercial
(0
°C to 70°C)
20
12
83.3
ATF1516ASL-20QI160
ATF1516ASL-20UI192
ATF1516ASL-20QHI208
160Q
192U
208QH
Industrial
(-40
°C to +85°C)
25
15
70
ATF1516ASL-25QC160
ATF1516ASL-25UC192
ATF1516ASL-25QHC208
160Q
192U
208QH
Commercial
(0
°C to 70°C)
25
15
70
ATF1516ASL-25QI60
ATF1516ASL-25UI192
ATF1516ASL-25QHI208
160Q
192U
208QH
Industrial
(-40
°C to +85°C)
Package Type
160Q
160-Lead, Plastic Quad FlatPack (PQFP)
192U
192-Lead, Plastic Grid Array (PGA)
208QH
208-Lead, Plastic Quad Flatpack with Heat Spreader (RQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com