Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7713 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7713
Description  Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7713 Datasheet HTML 6Page - Analog Devices AD7713 Datasheet HTML 7Page - Analog Devices AD7713 Datasheet HTML 8Page - Analog Devices AD7713 Datasheet HTML 9Page - Analog Devices AD7713 Datasheet HTML 10Page - Analog Devices AD7713 Datasheet HTML 11Page - Analog Devices AD7713 Datasheet HTML 12Page - Analog Devices AD7713 Datasheet HTML 13Page - Analog Devices AD7713 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. D
–10–
AD7713
PGA Gain
G2
Gl G0
Gain
00
01
(Default Condition after the Internal
Power-On Reset)
00
12
01
04
01
18
10
016
10
132
11
064
11
1128
Channel Selection
CH1 CH0 Channel
00
AIN1
(Default Condition after the Internal
Power-On Reset)
01
AIN2
10
AIN3
Word Length
WL
Output Word Length
0
16-Bit
(Default Condition after the Internal
Power-On Reset)
1
24-Bit
RTD Excitation Currents
RO
0Off
(Default Condition after the Internal
Power-On Reset)
1On
Burn-Out Current
BO
0Off
(Default Condition after the Internal
Power-On Reset)
1On
Bipolar/Unipolar Selection (Both Inputs)
B/U
0
Bipolar
(Default Condition after the Internal
Power-On Reset)
1
Unipolar
Filter Selection (FS11 to FS0)
The on-chip digital filter provides a sinc
3 (or (sinx/x)3) filter
response. The 12 bits of data programmed into these bits deter-
mine the filter cutoff frequency, the position of the first notch of
the filter, and the data rate for the part. In association with the
gain selection, it also determines the output noise (and therefore
the effective resolution) of the device.
The first notch of the filter occurs at a frequency determined by
the relationship: filter first notch frequency = (fCLK IN/512)/code
where code is the decimal equivalent of the code in Bits FS0 to
FS11 and is in the range 19 to 2,000. With the nominal fCLK IN
of 2 MHz, this results in a first notch frequency range from
1.952 Hz to 205.59 kHz. To ensure correct operation of the
AD7713, the value of the code loaded to these bits must be
within this range. Failure to do this will result in unspecified
operation of the device.
Changing the filter notch frequency, as well as the selected gain,
impacts resolution. Tables I and II and Figures 2a and 2b show
the effect of the filter notch frequency and gain on the effective
resolution of the AD7713. The output data rate (or effective
conversion time) for the device is equal to the frequency se-
lected for the first notch of the filter. For example, if the first
notch of the filter is selected at 10 Hz, then a new word is avail-
able at a 10 Hz rate or every 100 ms. If the first notch is at 200 Hz,
a new word is available every 5 ms.
The settling time of the filter to a full-scale step input change is
worst case 4
1/(Output Data Rate). This settling time is to 100%
of the final value. For example, with the first filter notch at 100 Hz,
the settling time of the filter to a full-scale step input change is
400 ms max. If the first notch is at 200 Hz, the settling time of
the filter to a full-scale input step is 20 ms max. This settling time
can be reduced to 3
l/(Output Data Rate) by synchronizing the
step input change to a reset of the digital filter. In other words, if
the step input takes place with
SYNC low, the settling time will
be 3
l/(Output Data Rate). If a change of channels takes place,
the settling time is 3
l/(Output Data Rate) regardless of the
SYNC input.
The –3 dB frequency is determined by the programmed first
notch frequency according to the relationship:
Filter
dB Frequency
First Notch Frequency
−=
×
30 262
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com