Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7713 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7713
Description  Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 2 Page - Analog Devices

  AD7713 Datasheet HTML 1Page - Analog Devices AD7713 Datasheet HTML 2Page - Analog Devices AD7713 Datasheet HTML 3Page - Analog Devices AD7713 Datasheet HTML 4Page - Analog Devices AD7713 Datasheet HTML 5Page - Analog Devices AD7713 Datasheet HTML 6Page - Analog Devices AD7713 Datasheet HTML 7Page - Analog Devices AD7713 Datasheet HTML 8Page - Analog Devices AD7713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. D
–2–
AD7713–SPECIFICATIONS
Parameter
A, S Versions
1
Unit
Conditions/Comments
STATIC PERFORMANCE
No Missing Codes
24
Bits min
Guaranteed by Design.
For Filter Notches
≤ 12 Hz.
22
Bits min
For Filter Notch = 20 Hz.
18
Bits min
For Filter Notch = 50 Hz.
15
Bits min
For Filter Notch = 100 Hz.
12
Bits min
For Filter Notch = 200 Hz.
Output Noise
See Tables I and II
Depends on Filter Cutoffs and Selected Gain.
Integral Nonlinearity
±0.0015
% of FSR max
Filter Notches
≤ 12 Hz; Typically ±0.0003%.
Positive Full-Scale Error
2, 3, 4
Full-Scale Drift
5
1
µV/°C typ
For Gains of 1, 2.
0.3
µV/°C typ
For Gains of 4, 8, 16, 32, 64, 128.
Unipolar Offset Error
2, 4
Unipolar Offset Drift
5
0.5
µV/°C typ
For Gains of 1, 2.
0.25
µV/°C typ
For Gains of 4, 8, 16, 32, 64, 128.
Bipolar Zero Error
2, 4
Bipolar Zero Drift
5
0.5
µV/°C typ
For Gains of 1, 2.
0.25
µV/°C typ
For Gains of 4, 8, 16, 32, 64, 128.
Gain Drift
2
ppm/
°C typ
Bipolar Negative Full-Scale Error
2
±0.0004
% of FSR max
Typically
±0.0006%.
Bipolar Negative Full-Scale Drift
5
1
µV/°C typ
For Gains of 1, 2.
0.3
µV/°C typ
For Gains of 4, 8, 16, 32, 64, 128.
ANALOG INPUTS
Input Sampling Rate, fS
See Table III
Normal-Mode 50 Hz Rejection
6
100
dB min
For Filter Notches of 2 Hz, 5 Hz, 10 Hz,
25 Hz, 50 Hz,
±0.02
fNOTCH.
Normal-Mode 60 Hz Rejection
6
100
dB min
For Filter Notches of 2 Hz, 6 Hz, 10 Hz,
30 Hz, 60 Hz,
±0.02
fNOTCH.
AIN1, AIN2
7
Input Voltage Range
8
For Normal Operation.
Depends on Gain Selected.
0 to +VREF
9
V max
Unipolar Input Range
(B/U Bit of Control Register = 1).
±V
REF
V max
Bipolar Input Range
(B/U Bit of Control Register = 0).
Common-Mode Rejection (CMR)
100
dB min
At dc and AVDD = 5 V.
90
dB min
At dc and AVDD = 10 V.
Common-Mode 50 Hz Rejection
6
150
dB min
For Filter Notches of 2 Hz, 5 Hz, 10 Hz,
25 Hz, 50 Hz,
±0.02
fNOTCH.
Common-Mode 60 Hz Rejection
6
150
dB min
For Filter Notches of 2 Hz, 6 Hz, 10 Hz,
30 Hz, 60 Hz,
±0.02
fNOTCH.
Common-Mode Voltage Range
10
AGND to AVDD
V min to V max
DC Input Leakage Current @ 25
°C10
pA max
TMIN to TMAX
1nA max
Sampling Capacitance
6
20
pF max
AIN3
Input Voltage Range
0 to + 4
VREF
V max
For Normal Operation. Depends on Gain
Selected.
Gain Error
11
±0.05
% typ
Additional Error Contributed by Resistor
Attenuator.
Gain Drift
1
ppm/
°C typ
Additional Drift Contributed by Resistor
Attenuator.
Offset Error
11
4
mV max
Additional Error Contributed by Resistor
Attenuator.
Input Impedance
30
k
Ω min
(AVDD = 5 V
5%; DVDD = 5 V
5%; REF IN(+) = 2.5 V; REF IN(–) = AGND;
MCLK IN = 2 MHz, unless otherwise noted. All specifications TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com