Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68C429AMF Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TS68C429AMF
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMF Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TS68C429AMF Datasheet HTML 9Page - ATMEL Corporation TS68C429AMF Datasheet HTML 10Page - ATMEL Corporation TS68C429AMF Datasheet HTML 11Page - ATMEL Corporation TS68C429AMF Datasheet HTML 12Page - ATMEL Corporation TS68C429AMF Datasheet HTML 13Page - ATMEL Corporation TS68C429AMF Datasheet HTML 14Page - ATMEL Corporation TS68C429AMF Datasheet HTML 15Page - ATMEL Corporation TS68C429AMF Datasheet HTML 16Page - ATMEL Corporation TS68C429AMF Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13
TS68C429A
2120A–HIREL–08/02
Figure 7. Interrupt Cycle (IEIxx = 1)
Notes:
1. If UDS = 1, D15-D8 stay hi-z else D15-D8 drive the bus with a stable unknown value.
2. If IEOxx goes low, neither vector nor DTACK are generated, else IEOxx stays inactive and a vector is generated (D7-D0 and
DTACK).
Table 8. Timing Characteristic
Number
Symbol
Parameter
Min
Max
T/G
(1)
Unit
1t
AVCSL
Address valid to CS low
0
-
T
ns
2tRWVCSL
R/W valid to CS low
0
-
T
ns
3t
DIVDSL
Data in valid to LDS/UDS low
0
-
T
ns
4t
SVCL
CS, LDS/UDS, IACKxx valid to CLK-SYS low
5
-
T
ns
5tCLDKL
CLK-SYS low to DTACK low
-
45
T
ns
6t
CLDOV
CLK-SYS low to data out valid
-
50
T
ns
7t
DKLDOV
DTACK low to data out valid
-
10
G
ns
8tSHDKH
CS or LDS/UDS or IACKxx high to DTACK high
-
35
G
ns
9t
SHDXZ
CS or LDS/UDS or IACKxx high to DTACK hi-z
-
50
G
ns
10
t
SHDOZ
CS or LDS/UDS or IACKxx high to data out hi-z
-
25
G
ns
11
tILIOL
IEIxx or IACKxx low to IEOxx low
-
35
T
ns
12
t
IKHIOH
IACKxx high to IEOxx high
-
40
T
ns
13
t
IILDKL
IEIxx low to DTACK low
-
40
T
ns
14
tIILDOV
IEIxx low to data out valid
-
45
T
ns
15
t
SH
CS, IACKxx, LDS/UDS inactive time
15
-
T
ns
16
t
DKLSH
DTACK low to CS or LDS/UDS or IACKxx high
0
-
G
ns
17
tSHAH
CS or LDS/UDS high to address hold time
0
-
G
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com