Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68C429AMF Datasheet(PDF) 21 Page - ATMEL Corporation

Part # TS68C429AMF
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMF Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button TS68C429AMF Datasheet HTML 17Page - ATMEL Corporation TS68C429AMF Datasheet HTML 18Page - ATMEL Corporation TS68C429AMF Datasheet HTML 19Page - ATMEL Corporation TS68C429AMF Datasheet HTML 20Page - ATMEL Corporation TS68C429AMF Datasheet HTML 21Page - ATMEL Corporation TS68C429AMF Datasheet HTML 22Page - ATMEL Corporation TS68C429AMF Datasheet HTML 23Page - ATMEL Corporation TS68C429AMF Datasheet HTML 24Page - ATMEL Corporation TS68C429AMF Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21
TS68C429A
2120A–HIREL–08/02
Figure 15. Transmitter Channel Unit Outputs
Description
The block diagram of a transmit channel is given is given in Figure 16. Only the third
channel can be switched to internal lines for test mode, otherwise the channels are iden-
tical. The selection of this test mode is done by programming the test bit in the
transmitter-control-register (see “Register Description” on page 17). In this test mode
the lines TX3H and TX3L are not driven, they are both kept at “0”.
The transmit frequency is generated by dividing the ARINC clock signal (CLK ARINC)
by the value contained in the frequency register. This divided clock synchronizes the
shift register which sends the 32-bit word on the lines TXiH and TXiL.
The parity is computed and if requested (see “Register Description” on page 17) the par-
ity bit (32nd bit of the message) is modified to have an odd number of “1” in the 32-bit
message for odd parity or an even number of “1” in the 32-bit message for even parity.
A gap control block generates a gap between the sent messages. The value of this gap
is defined by the 5 bits “transmission gap” of the transmitter-control-register, it is given in
number of ARINC bit (see “Register Description” on page 17).
A FIFO control block manages the messages to be sent. Up to 8 messages can be writ-
ten into the FIFO. The FIFO is seen as a two 16-bit memory words, the Most Significant
Word of the message (MSW) is written in the lower address, the Least Significant Word
of the message (LSW) is written in the upper address. The MSW should be written first.
The access to the FIFO is 16 bits mandatory. The number of messages within the FIFO
is indicated by a counter that can be read through the transmitter-control-register. This
counter is incremented when the LSW is written and decremented when the message is
transferred to the shift-register. The “Reset FIFO” bit is used to cancel messages within
the FIFO. If a transmission is on going, the entire message will be sent. The “reset
FIFO” bit remains active until written at 1 by the microprocessor. When the transmitter is
disable during a transmission, the out going message is lost.
When the FIFO is empty, a bit is set in the status-register (see “General Circuit Control”
on page 24). If the interrupt mode is enabled (see “General Circuit Control” on page 24)
the IRQTX line is activated.
When the transmitter FIFO is empty and when no transmission is on going, the first write
access to the FIFO has to be preceded by the following sequence: disable and enable
transmission (see Figure 36: First FIFO access).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com