Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2012 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SA2012
Description  Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2012 Datasheet(HTML) 1 Page - ON Semiconductor

  2SA2012 Datasheet HTML 1Page - ON Semiconductor 2SA2012 Datasheet HTML 2Page - ON Semiconductor 2SA2012 Datasheet HTML 3Page - ON Semiconductor 2SA2012 Datasheet HTML 4Page - ON Semiconductor 2SA2012 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D0413 TKIM TC-00003071/40710EA TKIM/21400TS (KOTO) TA-2520 No.6306-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
December, 2013
2SA2012
Bipolar Transistor
–30V, –5A, Low VCE(sat) PNP Single PCP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applicaitons
•
Relay drivers, lamp drivers, motor drivers, flash
Features
•
Adoption of MBIT processes
•
Large current capacity
•
Low collector to emitter saturation voltage
•
Ultrasmall-sized package permitting applied sets to be made small and slim
•
High allowable power dissipation
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector to Base Voltage
VCBO
--30
V
Collector to Emitter Voltage
VCEO
--30
V
Emitter to Base Voltage
VEBO
--5
V
Collector Current
IC
--5
A
Collector Current (Pulse)
ICP
--8
A
Continued on next page.
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : EN6306B
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SA2012-TD-E
2
3
1


Similar Part No. - 2SA2012

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2012 SANYO-2SA2012 Datasheet
49Kb / 5P
DC/DC Converter Applications
2SA2012 SANYO-2SA2012 Datasheet
93Kb / 5P
DC / DC Converter Applications
2SA2012 SANYO-2SA2012 Datasheet
92Kb / 5P
DC / DC Converter Applications
2SA2012 SANYO-2SA2012_11 Datasheet
93Kb / 5P
DC / DC Converter Applications
2SA2012 SANYO-2SA2012_12 Datasheet
92Kb / 5P
DC / DC Converter Applications
More results

Similar Description - 2SA2012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2202 ONSEMI-2SA2202 Datasheet
87Kb / 4P
Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1121 ONSEMI-2SB1121 Datasheet
189Kb / 4P
Bipolar Transistor -25V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com