Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2012 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SA2012
Description  Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2012 Datasheet(HTML) 4 Page - ON Semiconductor

  2SA2012 Datasheet HTML 1Page - ON Semiconductor 2SA2012 Datasheet HTML 2Page - ON Semiconductor 2SA2012 Datasheet HTML 3Page - ON Semiconductor 2SA2012 Datasheet HTML 4Page - ON Semiconductor 2SA2012 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2012
No.6306-4/5
PC -- Ta
Ambient Temperature, Ta --
°C
PC -- Tc
Case Temperature, Tc --
°C
S O A
Collector to Emitter Voltage, VCE -- V
IT00151
0
2.0
1.5
1.3
1.0
0.5
20
060
40
80
100
140
120
160
When
mounted
on
ceramic
substrate
(250mm
2✕
0.8mm)
4.0
0
3.5
3.0
2.0
1.5
1.0
0.5
2.5
20
060
40
80
100
140
120
160
IT01532
--10
--1.0
--0.01
2
7
5
3
2
7
5
3
2
--0.1
7
5
3
2
--1.0
--0.1
--10
2
5
3
25
37
25
37
IT00150
1ms
10ms
100ms
DC
operation
ICP= --8A
IC= --5A
Tc=25
°C
Single pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com