Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC488CSW-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC488CSW-PBF
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488CSW-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC488CSW-PBF Datasheet HTML 4Page - Linear Technology LTC488CSW-PBF Datasheet HTML 5Page - Linear Technology LTC488CSW-PBF Datasheet HTML 6Page - Linear Technology LTC488CSW-PBF Datasheet HTML 7Page - Linear Technology LTC488CSW-PBF Datasheet HTML 8Page - Linear Technology LTC488CSW-PBF Datasheet HTML 9Page - Linear Technology LTC488CSW-PBF Datasheet HTML 10Page - Linear Technology LTC488CSW-PBF Datasheet HTML 11Page - Linear Technology LTC488CSW-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC488/LTC489
10
4889fb
PACKAGE DESCRIPTION
N Package
16-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
N16 1002
.255
± .015*
(6.477
± 0.381)
.770*
(19.558)
MAX
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
.020
(0.508)
MIN
.120
(3.048)
MIN
.130
± .005
(3.302
± 0.127)
.065
(1.651)
TYP
.045 – .065
(1.143 – 1.651)
.018
± .003
(0.457
± 0.076)
.008 – .015
(0.203 – 0.381)
.300 – .325
(7.620 – 8.255)
.325
+.035
–.015
+0.889
–0.381
8.255
()
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com