Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC488CSW-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC488CSW-PBF
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488CSW-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC488CSW-PBF Datasheet HTML 2Page - Linear Technology LTC488CSW-PBF Datasheet HTML 3Page - Linear Technology LTC488CSW-PBF Datasheet HTML 4Page - Linear Technology LTC488CSW-PBF Datasheet HTML 5Page - Linear Technology LTC488CSW-PBF Datasheet HTML 6Page - Linear Technology LTC488CSW-PBF Datasheet HTML 7Page - Linear Technology LTC488CSW-PBF Datasheet HTML 8Page - Linear Technology LTC488CSW-PBF Datasheet HTML 9Page - Linear Technology LTC488CSW-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC488/LTC489
6
4889fb
TEST CIRCUITS
SWITCHING TIME WAVEFORMS
Figure 1. Receiver Timing Test Circuit
Note: The input pulse is supplied by a generator having the following characteristics:
f = 1MHz, Duty Cycle = 50%, tr < 10ns, tf ≤ 10ns, ZOUT = 50Ω
Figure 2. Receiver Enable and Disable Timing Test Circuit
D
4889 F01
DRIVER
RECEIVER
CL
RO
A
B
54Ω
100pF
100pF
1k
4889 F02
CL
S1
S2
1k
VCC
RECEIVER
OUTPUT
0V
–VOD2
tPHL
f = 1MHz; tr ≤ 10ns; tf ≤ 10ns
0V
tPLH
VOD2
INPUT
A, B
VOH
1.5V
1.5V
VOL
RO
INPUT
4889 F03
f = 1MHz; tr ≤ 10ns; tf ≤ 10ns
1.5V
RO
4889 F04
0V
3V
1.5V
tZL
VOL
VOH
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
0V
5V
1.5V
tZH
RO
EN OR
EN12
Figure 3. Receiver Propagation Delays
Figure 4. Receiver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com