Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1289CCSW Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1289CCSW
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CCSW Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1289CCSW Datasheet HTML 20Page - Linear Technology LTC1289CCSW Datasheet HTML 21Page - Linear Technology LTC1289CCSW Datasheet HTML 22Page - Linear Technology LTC1289CCSW Datasheet HTML 23Page - Linear Technology LTC1289CCSW Datasheet HTML 24Page - Linear Technology LTC1289CCSW Datasheet HTML 25Page - Linear Technology LTC1289CCSW Datasheet HTML 26Page - Linear Technology LTC1289CCSW Datasheet HTML 27Page - Linear Technology LTC1289CCSW Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LTC1289
1289fb
LDA #$50
Configuration data for SPCR
STA $0A
Load configuration data into $0A
LDA #$FF
Configuration data for port C DDR
STA $06
Load configuration data into port C DDR
BSET 0, $02
Make sure CS is high
JSR READ –/+
Dummy read configures LTC1289 for
next read
JSR READ +/–
Read CH6 with respect to CH7
JSR READ –/+
Read CH7 with respect to CH6
JSR CHK SIGN
Determines which reading has valid
data, converts to 2's complement and
stores in RAM
READ – / + : LDA #$3F
Load DIN word for LTC1289 into ACC
JSR TRANSFER
Read LTC1289 routine
LDA $60
Load MSBs from LTC1289 in ACC
STA $71
Store MSBs in $71
LDA $61
Load LSBs from LTC1289 in ACC
STA $72
Store LSBs in $72
RTS
Return
S
APPLICATI
TYPICAL
SNEAK-A-BIT Code for the LTC1289 Using the MC68HC05C4
SNEAK-A-BIT Code
SNEAK-A-BIT Code for the LTC1289 Using the MC68HC05C4
MNEMONIC
DESCRIPTION
DOUT from LTC1289 in MC68HC05C4 RAM
Location $77
B12 B11 B10 B9 B8 B7 B6 B5
Location $87
B4 B3 B2 B1 B0 filled with 0s
DIN words for LTC1289
Sign
LSB
MUX Addr.
UNI
MSBF
Word
Length
DIN1
0
0
1
1
1
1
1
1
DIN2
0
1
1
1
1
1
1
1
DIN3
0
0
1
1
1
1
1
1
(ODD/SIGN)
LTC1289 TA05
MNEMONIC
DESCRIPTION
READ +/–:
LDA
#$7F
Load DIN word for LTC1289 into ACC
JSR
TRANSFER
Read LTC1289 routine
LDA
$60
Load MSBs from LTC1289 into ACC
STA
$73
Store MSBs in $73
LDA
$61
Load LSBs from LTC1289 into ACC
STA
$74
Store LSBs in $74
RTS
Return
TRANSFER: BCLR 0, $02
CS goes low
STA
$0C
Load DIN into SPI. Start transfer
LOOP 1:
TST
$0B
Test status of SPIF
BPL
LOOP 1
Loop to previous instruction if not done
LDA
$0C
Load contents of SPI data reg into ACC
STA
$0C
Start next cycle
STA
$60
Store MSBs in $60
LOOP 2:
TST
$0B
Test status of SPIF
BPL
LOOP 2
Loop to previous instruction if not done
BSET 0, $02
CS goes high
LDA
$0C
Load contents of SPI data reg into ACC
STA
$61
Store LSBs in $61
RTS
Return
CHK SIGN: LDA
$73
Load MSBs of +/– read into ACC
ORA $74
Or ACC (MSBs) with LSBs of +/– read
BEQ
MINUS
If result is 0 goto minus
CLC
Clear carry
ROR $73
Rotate right $73 through carry
ROR $74
Rotate right $74 through carry
LDA
$73
Load MSBs of +/– read into ACC
STA
$77
Store MSBs in RAM locations $77
LDA
$74
Load LSBs of +/– read into ACC
STA
$87
Store LSBs in RAM location $87
BRA END
Goto end of routine
MINUS:
CLC
Clear carry
ROR $71
Shift MSBs of –/+ read right
ROR $72
Shift LSBs of –/+ read right
COM $71
1's complement of MSBs
COM $72
1's complement of LSBs
LDA
$72
Load LSBs into ACC
ADD #$01
Add 1 to LSBs
STA
$72
Store ACC in $72
CLRA
Clear ACC
ADC $71
Add with carry to MSBs. Result in ACC
STA
$71
Store ACC in $71
STA
$77
Store MSBs in RAM locations $77
LDA
$72
Load LSBs in ACC
STA
$87
Store LSBs in RAM location $87
END:
RTS
Return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com