Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1289CCSW Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1289CCSW
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CCSW Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1289CCSW Datasheet HTML 20Page - Linear Technology LTC1289CCSW Datasheet HTML 21Page - Linear Technology LTC1289CCSW Datasheet HTML 22Page - Linear Technology LTC1289CCSW Datasheet HTML 23Page - Linear Technology LTC1289CCSW Datasheet HTML 24Page - Linear Technology LTC1289CCSW Datasheet HTML 25Page - Linear Technology LTC1289CCSW Datasheet HTML 26Page - Linear Technology LTC1289CCSW Datasheet HTML 27Page - Linear Technology LTC1289CCSW Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1289
1289fb
PACKAGE DESCRIPTIO
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1992
LT 0506 REV B • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1285/LTC1288
1-/2-Channel, 3V, Micropower 12-Bit ADC
Autoshutdown, SO-8 Package
LTC1290
8-Channel Configurable, 5V, 12-Bit ADC
Pin-Compatible with LTC1289
LTC1391
Serial-Controlled 8-to-1 Analog Multiplexer
Low RON, Low Power, 16-Pin SO and SSOP Package
LTC1401
3V, 12-Bit, 200ksps Serial ADC
15mW, Internal Reference, SO-8 Package
LTC1448
Dual 12-Bit VOUT DACs in SO-8 Package
0.5LBS DNL, 3V to 5V Supply, Swings 0V to VREF
LTC1454/LTC1454L
Dual 12-Bit VOUT DACs in SO-16 Package
5V/3V, Buffered Rail-to-Rail Output, 0.5LSB DNL
LTC1458/LTC1458L
Quad 12-Bit VOUT DACs
5V/3V, Buffered Rail-to-Rail Output, 0.5LSB DNL
LTC1594/LTC1598L
4-/8-Channel, 3V Micropower 12-Bit ADC
Low Power, Small Size
LTC1852/LTC1853
10-Bit/12-Bit, 8-Channel, 400ksps ADCs
3V or 5V, Programmable MUX and Sequencer
LTC2404/LTC2408
24-Bit, 4-/8-Channel, No Latency
∆Σ ADC
4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2424/LTC2428
20-Bit, 4-/8-Channel, No Latency
∆Σ ADC
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2404/LTC2408
S20 (WIDE) 0502
NOTE 3
.496 – .512
(12.598 – 13.005)
NOTE 4
20
N
19
18
17
16
15
14
13
1
23
4
5
6
78
.394 – .419
(10.007 – 10.643)
910
N/2
11
12
.037 – .045
(0.940 – 1.143)
.004 – .012
(0.102 – 0.305)
.093 – .104
(2.362 – 2.642)
.050
(1.270)
BSC
.014 – .019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 3
.009 – .013
(0.229 – 0.330)
.016 – .050
(0.406 – 1.270)
.291 – .299
(7.391 – 7.595)
NOTE 4
× 45°
.010 – .029
(0.254 – 0.737)
.420
MIN
.325
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
N
1
2
3
N/2
.050 BSC
.030
±.005
TYP
.005
(0.127)
RAD MIN
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
4. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
SW Package
20-Lead Plastic Small Outline (Wide .300 Inch)
(Reference LTC DWG # 05-08-1620)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com