Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1129CS8
Description  Micropower Low Dropout Regulators with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1129CS8 Datasheet HTML 1Page - Linear Technology LT1129CS8 Datasheet HTML 2Page - Linear Technology LT1129CS8 Datasheet HTML 3Page - Linear Technology LT1129CS8 Datasheet HTML 4Page - Linear Technology LT1129CS8 Datasheet HTML 5Page - Linear Technology LT1129CS8 Datasheet HTML 6Page - Linear Technology LT1129CS8 Datasheet HTML 7Page - Linear Technology LT1129CS8 Datasheet HTML 8Page - Linear Technology LT1129CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1129/LT1129-3.3/LT1129-5
4
112935ff
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Regulated Output Voltage
(Notes 4, 12)
LT1129-3.3
VIN = 3.8V, IOUT = 1mA, TJ = 25°C
4.3V < VIN < 20V, 1mA < IOUT < 700mA
l
3.250
3.200
3.300
3.300
3.350
3.400
V
V
LT1129-5
VIN = 5.5V, IOUT = 1mA, TJ = 25°C
6V < VIN < 20V, 1mA < IOUT < 700mA
l
4.925
4.850
5.000
5.000
5.075
5.150
V
V
LT1129 (Note 5)
VIN = 4.3V, IOUT = 1mA, TJ = 25°C
4.8V < VIN < 20V, 1mA < IOUT < 700mA
l
3.695
3.640
3.750
3.750
3.805
3.860
V
V
Line Regulation (Note 12)
LT1129-3.3
ΔVIN = 4.8V to 20V, IOUT = 1mA
l
1.5
10
mV
LT1129-5
ΔVIN = 5.5V to 20V, IOUT = 1mA
l
1.5
10
mV
LT1129 (Note 5)
ΔVIN = 4.3V to 20V, IOUT = 1mA
l
1.5
10
mV
Load Regulation (Note 12)
LT1129-3.3
ΔILOAD = 1mA to 700mA, TJ = 25°C
ΔILOAD = 1mA to 700mA
l
6
15
20
30
mV
mV
LT1129-5
ΔILOAD = 1mA to 700mA, TJ = 25°C
ΔILOAD = 1mA to 700mA
l
6
20
20
30
mV
mV
LT1129 (Note 5)
ΔILOAD = 1mA to 700mA, TJ = 25°C
ΔILOAD = 1mA to 700mA
l
6
15
20
30
mV
mV
Dropout Voltage
(Note 6)
ILOAD = 10mA, TJ = 25°C
ILOAD = 10mA
l
0.13
0.20
0.25
V
V
ILOAD = 100mA, TJ = 25°C
ILOAD = 100mA
l
0.25
0.35
0.45
V
V
ILOAD = 500mA, TJ = 25°C
ILOAD = 500mA
l
0.37
0.45
0.60
V
V
ILOAD = 700mA, TJ = 25°C
ILOAD = 700mA
l
0.45
0.55
0.70
V
V
Ground Pin Current
(Note 7)
ILOAD = 0mA
l
50
70
μA
ILOAD = 10mA
l
310
450
μA
ILOAD = 100mA
l
2.0
3.5
mA
ILOAD = 300mA
l
10
20
mA
ILOAD = 500mA
l
25
45
mA
ILOAD = 700mA
l
50
90
mA
Adjust Pin Bias Current (Notes 5, 8)
TJ = 25°C
150
300
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.25
1.2
0.75
2.8
V
V
Shutdown Pin Current (Note 9)
VSHDN = 0V
l
610
μA
Quiescent Current in Shutdown
(Note 10)
VIN = 6V, VSHDN = 0V
l
15
25
μA
ORDER INFORMATION
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1129CT-5
LT1129CT-5#TR
LT1129CT-5
5-Lead Plastic TO-220
0°C to 125°C
LT1129IT-5
LT1129IT-5#TR
LT1129IT-5
5-Lead Plastic TO-220
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com