| Electronic Components Datasheet Search |
|
LT1129CS8 Datasheet(PDF) 5 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1129CS8 Datasheet(HTML) 5 Page - Linear Technology |
|
5 / 16 page ![]() LT1129/LT1129-3.3/LT1129-5 5 112935ff ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. SYMBOL CONDITIONS MIN TYP MAX UNITS Ripple Rejection VIN – VOUT = 1V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz, ILOAD = 0.7A, TJ = 25°C 52 64 dB Current Limit VIN – VOUT = 7V, TJ = 25°C 1.2 1.6 A Input Reverse Leakage Current VIN = –20V, VOUT = 0V l 1.0 mA Reverse Output Current (Note 11) LT1129-3.3 VOUT = 3.3V, VIN = 0V LT1129-5 VOUT = 5V, VIN = 0V LT1129 (Note 5) VOUT = 3.8V, VIN = 0V 16 16 16 25 25 25 μA μA μA voltage will be equal to (VIN – VDROPOUT). Dropout voltage is measured between the input pin and the output pin. External voltage drops between the output pin and the sense pin will add to the dropout voltage. Note 7: Ground pin current is tested with VIN = VOUT (nominal) and a current source load. This means that the device is tested while operating in its dropout region. This is the worst case ground pin current. The ground pin current will decrease slightly at higher input voltages. Note 8: Adjust pin bias current flows into the adjust pin. Note 9: Shutdown pin current at VSHDN = 0V flows out of the shutdown pin. Note 10: Quiescent current in shutdown is equal to the sum total of the shutdown pin current (6μA) and the ground pin current (9μA). Note 11: Reverse output current is tested with the input pin grounded. The output pin and the sense pin are forced to the rated output voltage. This current flows into the sense pin and out of the ground pin. For the LT1129 (adjustable version) the sense pin is internally tied to the output pin. Note 12: The LT1129 regulators are tested and specified under pulse load conditions such that TJ ≅ TA. The LT1129C regulators are 100% tested at TA = 25°C. For C-grade devices, Regulated Output Voltage, Line Regulation and Load Regulation performance at –40°C and 125°C is assured by design, characterization and correlation with statistical process controls. The LT1129I regulators are guaranteed over the full –40°C to 125°C operating junction temperature range. The LT1129MP regulators are 100% tested and guaranteed over the –55°C to 125°C temperature range. Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The shutdown pin input voltage rating is required for a low impedance source. Internal protection devices connected to the shutdown pin will turn on and clamp the pin to approximately 7V or – 0.6V. This range allows the use of 5V logic devices to drive the pin directly. For high impedance sources or logic running on supply voltages greater than 5.5V, the maximum current driven into the shutdown pin must be limited to less than 20mA. Note 3: For junction temperatures greater than 110°C, a minimum load of 1mA is recommended. For TJ > 110°C and IOUT < 1mA, output voltage may increase by 1%. Note 4: Operating conditions are limited by maximum junction temperature. The regulated output voltage specification will not apply for all possible combinations of input voltage and output current. When operating at maximum input voltage, the output current range must be limited. When operating at maximum output current, the input voltage range must be limited. Note 5: The LT1129 is tested and specified with the adjust pin connected to the output pin. Note 6: Dropout voltage is the minimum input/output voltage required to maintain regulation at the specified output current. In dropout the output Guaranteed Dropout Voltage Dropout Voltage Quiescent Current OUTPUT CURRENT (A) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.2 0.4 0.5 112935 G01 0.1 0.3 0.6 0.7 0 = TEST POINTS TJ ≤ 125°C TJ ≤ 25°C TEMPERATURE (°C) –50 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 50 75 112935 G02 –25 25 100 125 A C D E B A. ILOAD = 700mA B. ILOAD = 500mA C. ILOAD = 300mA D. ILOAD = 100mA E. ILOAD = 10mA TEMPERATURE (°C) –50 70 60 50 40 30 20 10 0 0 50 75 112935 G03 –25 25 100 125 VSHDN = 0V VSHDN = OPEN (HI) TYPICAL PERFORMANCE CHARACTERISTICS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |