Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8024 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # TDA8024
Description  Three specifically protected half-duplex bidirectional buffered I/O lines to card contacts C4, C7 and C8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDA8024 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button TDA8024 Datasheet HTML 15Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 16Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 17Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 18Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 19Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 20Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 21Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 22Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
2004 July 12
19
Philips Semiconductors
Product specification
IC card interface
TDA8024
Crystal oscillator (pins XTAL1 and XTAL2)
CXTAL1,
CXTAL2
external capacitance on
pins XTAL1 and XTAL2
depends on type of crystal or
resonator used
−−
15
pF
fXTAL
crystal frequency
2
−
26
MHz
fXTAL1
frequency applied on
pin XTAL1
0
−
26
MHz
VIL
LOW-level input voltage on
pin XTAL1
−0.3
−
+0.3VDD
V
VIH
HIGH-level input voltage
on pin XTAL1
0.7VDD
−
VDD + 0.3 V
Data lines (pins I/O, I/OUC, AUX1, AUX2, AUX1UC and AUX2UC)
td(I/O-I/OUC),
td(I/OUC-I/O)
I/O to I/OUC, I/OUC to I/O
falling edge delay
−−
200
ns
tpu
active pull-up pulse width
−−
100
ns
fI/O(max)
maximum frequency on
data lines
−−
1
MHz
Ci
input capacitance on data
lines
−−
10
pF
Data lines to card reader (pins I/O, AUX1 and AUX2; with integrated 11 k
Ω pull-up resistors to VCC)
Vo(inactive)
output voltage
inactive mode
no load
0
−
0.1
V
Io(inactive) =1mA
−−
0.3
V
Io(inactive)
output current
inactive mode; pin grounded
−−
−1mA
VOL
LOW-level output voltage
IOL = 1 mA
0
−
0.3
V
IOL ≥ 15 mA
VCC − 0.4
−
VCC
V
VOH
HIGH-level output voltage
no DC load
0.9VCC
−
VCC + 0.1 V
5 and 3 V cards; IOH < −40 µA
0.75VCC
−
VCC + 0.1 V
IOH≥ 10 mA
0
−
0.4
V
VIL
LOW-level input voltage
0.3
−
0.8
V
VIH
HIGH-level input voltage
1.5
−
VCC + 0.3 V
IIL
LOW-level input current
VIL =0V
−−
600
µA
ILIH
HIGH-level input leakage
current
VIH =VCC
−−
10
µA
tt(DI)
data input transition time
VIL(max) to VIH(min)
−−
1.2
µs
tt(DO)
data output transition time
Vo = 0 to VCC; CL ≤ 80 pF;
10% to 90%
−−
0.1
µs
Rpu
integrated pull-up resistor
pull-up resistor to VCC
911
13
k
Ω
Ipu
current when pull-up active VOH = 0.9VCC; C = 80 pF
−1
−−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com