Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8024 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # TDA8024
Description  Three specifically protected half-duplex bidirectional buffered I/O lines to card contacts C4, C7 and C8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDA8024 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button TDA8024 Datasheet HTML 16Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 17Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 18Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 19Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 20Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 21Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 22Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 23Page - List of Unclassifed Manufacturers TDA8024 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
2004 July 12
20
Philips Semiconductors
Product specification
IC card interface
TDA8024
Data lines to microcontroller (pins I/OUC, AUX1UC and AUX2UC; with integrated 11 k
Ω pull-up resistors
to VDD)
VOL
LOW-level output voltage
IOL = 1 mA
0
−
0.3
V
VOH
HIGH-level output voltage
no DC load
0.9VDD
−
VDD + 0.1 V
5 and 3 V cards; IOH < −40 µA
0.75VDD
−
VDD + 0.1 V
VIL
LOW-level input voltage
−0.3
−
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD + 0.3 V
ILIH
HIGH-level input leakage
current
VIH =VDD
−−
10
µA
IL
LOW-level input current
VIL =0V
−−
600
µA
Rpu
integrated pull-up resistor
pull-up resistor to VCC
911
13
k
Ω
tt(DI)
data input transition time
VIL(max) to VIH(min)
−−
1.2
µs
tt(DO)
data output transition time
Vo = 0 to VDD; CL < 30 pF;
10% to 90%
−−
0.1
µs
Ipu
current when pull-up active VOH = 0.9VDD; C = 30 pF
−1
−−
mA
Internal oscillator
fOSC(int)
frequency of internal
oscillator
inactive mode
55
140
200
kHz
active mode
2.2
2.7
3.2
MHz
Reset output to card reader (pin RST)
Vo(inactive)
output voltage
inactive mode
no load
0
−
0.1
V
Io(inactive) =1mA
0
−
0.3
V
Io(inactive)
output current
inactive mode; pin grounded
0
−−1mA
td(RSTIN-RST)
RSTIN to RST delay
RST enabled
−−
2
µs
VOL
LOW-level output voltage
IOL = 200 µA0
−
0.2
V
IOL = 20 mA (current limit)
VCC − 0.4
−
VCC
V
VOH
HIGH-level output voltage
IOH = −200 µA
0.9VCC
−
VCC
V
IOH = −20 mA (current limit)
0
−
0.4
V
tr
rise time
CL = 100 pF; VCC =5or 3V
−−
0.1
µs
tf
fall time
CL = 100 pF; VCC =5or 3V
−−
0.1
µs
Clock output to card reader (pin CLK)
Vo(inactive)
output voltage
inactive mode
no load
0
−
0.1
V
Io(inactive) =1mA
0
−
0.3
V
Io(inactive)
output current
CLK inactive; pin grounded
0
−−1mA
VOL
LOW-level output voltage
IOL = 200 µA0
−
0.3
V
IOL = 70 mA (current limit)
VCC − 0.4
−
VCC
V
VOH
HIGH-level output voltage
IOH = −200 µA
0.9VCC
−
VCC
V
IOH = −70 mA (current limit)
0
−
0.4
V
tr
rise time
CL = 30 pF; note 5
−−
16
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com