Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP11EP Datasheet(PDF) 7 Page - Analog Devices

Part # OP11EP
Description  Quad Matched 741-Type Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11EP Datasheet(HTML) 7 Page - Analog Devices

Back Button OP11EP Datasheet HTML 3Page - Analog Devices OP11EP Datasheet HTML 4Page - Analog Devices OP11EP Datasheet HTML 5Page - Analog Devices OP11EP Datasheet HTML 6Page - Analog Devices OP11EP Datasheet HTML 7Page - Analog Devices OP11EP Datasheet HTML 8Page - Analog Devices OP11EP Datasheet HTML 9Page - Analog Devices OP11EP Datasheet HTML 10Page - Analog Devices OP11EP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
OP11
Rev. B | Page 7 of 12
800
700
600
500
400
300
200
100
0
RL = 2kΩ
TA = 25°C
0
5
10
15
20
POWER SUPPLY VOLTAGE (V)
Figure 9. Open-Loop Gain vs. Power Supply Voltage
140
120
100
80
60
40
20
0
VS = ±15V
TA = 25°C
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 10. CMRR vs. Frequency
140
120
100
80
60
40
20
0
VS = ±15V
TA = 25°C
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 11. PSRR vs. Frequency
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 12. Channel Separation vs. Frequency
1k
100
10
1
10
100
1k
10k
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 13. Voltage Noise Density vs. Frequency
100
10
1
0.1
10
100
1k
10k
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
Figure 14. Current Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com