Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP11EP Datasheet(PDF) 3 Page - Analog Devices

Part # OP11EP
Description  Quad Matched 741-Type Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11EP Datasheet(HTML) 3 Page - Analog Devices

  OP11EP Datasheet HTML 1Page - Analog Devices OP11EP Datasheet HTML 2Page - Analog Devices OP11EP Datasheet HTML 3Page - Analog Devices OP11EP Datasheet HTML 4Page - Analog Devices OP11EP Datasheet HTML 5Page - Analog Devices OP11EP Datasheet HTML 6Page - Analog Devices OP11EP Datasheet HTML 7Page - Analog Devices OP11EP Datasheet HTML 8Page - Analog Devices OP11EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OP11
Rev. B | Page 3 of 12
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
RS ≤ 10 kΩ
0.3
0.5
mV
Input Offset Current
IOS
5.5
20
nA
Input Bias Current
IB
180
300
nA
Input Resistance Differential Mode1
RIN
0.17
0.29
MΩ
Input Voltage Range
IVR
±12
±13
V
Common-Mode Rejection Ratio
CMRR
VCM = ±12 V, RS ≤ 10 kΩ
100
120
dB
Power Supply Rejection Ratio
PSRR
VS = ±5 V to ±15 V, RS ≤ 10 kΩ
4
32
μV/V
Output Voltage Swing
VO
RL = 2 kΩ
±11
±13
V
Large Signal Voltage Gain
AVO
RL ≤ 2 kΩ, VO = ±10 V
100
650
V/mV
Power Consumption2
Pd
VO = 0 V
105
180
mW
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.7
μV p-p
Input Noise Voltage Density
en
fO = 10 Hz
18
nV/√Hz
fO = 100 Hz
14
nV/√Hz
fO = 1 kHz
12
nV/√Hz
Input Noise Current
In p-p
0.1 Hz to 10 Hz
17
pA p-p
Input Noise Current Density
In
fO = 10 Hz
1.8
pA/√Hz
fO = 100 Hz
1.5
pA/√Hz
fO = 1 kHz
1.2
pA/√Hz
Channel Separation
CS
100
130
dB
Slew Rate3
SR
0.7
1.0
V/μs
Large Signal Bandwidth3
VO = 20 V p-p
11
16
kHz
Closed-Loop Bandwidth4
BW
AVCL = 1
2.4
3.0
MHz
Rise Time3
tf
AV = 1, VIN = 50 mV
110
145
ns
Overshoot3
OS
15
25
%
1 Guaranteed by input bias current.
2 Total dissipation for all four amplifiers in package.
3 Sample tested.
4 Guaranteed by rise time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com