Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP77 Datasheet(PDF) 4 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 4 Page - Analog Devices

  OP77 Datasheet HTML 1Page - Analog Devices OP77 Datasheet HTML 2Page - Analog Devices OP77 Datasheet HTML 3Page - Analog Devices OP77 Datasheet HTML 4Page - Analog Devices OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP77
Rev. E | Page 4 of 16
@ VS = ±15 V, −25°C ≤ TA ≤ +85°C for OP77FJ and OP77E/OP77F, unless otherwise noted.
Table 2.
OP77E
OP77F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
10
45
20
100
μV
AVERAGE INPUT OFFSET VOLTAGE DRIFT1
TCVOS
0.1
0.3
0.2
0.6
μV/°C
INPUT OFFSET CURRENT
IOS
0.5
2.2
0.5
4.5
nA
AVERAGE INPUT OFFSET CURRENT DRIFT2
TCIOS
1.5
4.0
1.5
85
pA/°C
INPUT BIAS CURRENT
IB
−0.2
+2.4
+4.0
−0.2
+2.4
+6.0
nA
AVERAGE INPUT BIAS CURRENT DRIFT2
TCIB
8
40
15
60
pA/°C
INPUT VOLTAGE RANGE
IVR
±13.0
±13.5
±13.0
±13.5
V
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±13 V
0.1
1.0
0.1
3.0
pV/V
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±3 V to ±18 V
1.0
3.0
1.0
5.0
μV/V
LARGE-SIGNAL VOLTAGE GAIN
AVO
RL ≥ 2 kΩ
2000
6000
1000
4000
V/mV
VO = ±10 V
OUTPUT VOLTAGE SWING
VO
RL ≥ 2 kΩ
±12
±13.0
±12
±13.0
V
POWER CONSUMPTION
Pd
VS = ±15 V, no load
60
75
60
75
mW
1 OP77E: TCVOS is 100% tested on J and Z packages.
2 Guaranteed by end-point limits.
WAFER TEST LIMITS
@ VS = ±15 V, TA = 25°C, for OP77NBC devices, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
OP77NBC Limit
Unit
INPUT OFFSET VOLTAGE
VOS
40
μV max
INPUT OFFSET CURRENT
IOS
2.0
nA max
INPUT BIAS CURRENT
IB
±2
nA max
INPUT RESISTANCE
Differential Mode
RIN
26
MΩ min
INPUT VOLTAGE RANGE
IVR
±13
V min
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±13 V
1
μV/V max
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±3 V to ±18 V
3
μV/V max
OUTPUT VOLTAGE SWING
VO
RL = 10 kΩ
±13.5
V min
RL = 2 kΩ
±12.5
RL = 1 kΩ
±12.0
LARGE-SIGNAL VOLTAGE GAIN
AVO
RL = 2 kΩ
2000
V/mV min
VO = ±10 V
DIFFERENTIAL INPUT VOLTAGE
±30
V max
POWER CONSUMPTION
Pd
VO = 0 V
60
mW max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com