Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP77 Datasheet(PDF) 7 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP77 Datasheet HTML 3Page - Analog Devices OP77 Datasheet HTML 4Page - Analog Devices OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP77
Rev. E | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
2
1
0
–1
–2
–10
–5
0
5
10
OUTPUT VOLTAGE (V)
VS = ±15V
TA = 25°C
RL = 10kΩ
Figure 3. Gain Linearity (Input Voltage vs. Output Voltage)
25
20
15
10
5
0
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VS = ±15V
Figure 4. Open-Loop Gain vs. Temperature
16
12
8
4
0
0
±5
±10
±15
±20
POWER SUPPLY VOLTAGE (V)
TA = 25°C
RL = 2kΩ
Figure 5. Open-Loop Gain vs. Power Supply Voltage
30
20
10
0
–10
–20
–30
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
J, Z PACKAGES
+0.3µV/°C
MEAN
S.D.
–0.3µV/°C
Figure 6. Untrimmed Offset Voltage vs. Temperature
4
3
2
1
0
–1
–2
–3
–4
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TIME AFTER POWER SUPPLY TURN-ON (Minutes)
VS = ±15V
TA = 25°C
Figure 7. Warm-Up Drift
30
25
20
15
10
5
0
–10
0
1020304050
60
70
TIME (Seconds)
VS = ±15V
DEVICE IMMERSED IN
70°C OIL BATH (20 UNITS)
MAXIMUM
MIMIMUM
AVERAGE
Figure 8. Offset Voltage Change Due to Thermal Shock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com