Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP27AFKB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OP27AFKB
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP27AFKB Datasheet(HTML) 5 Page - Texas Instruments

  OP27AFKB Datasheet HTML 1Page - Texas Instruments OP27AFKB Datasheet HTML 2Page - Texas Instruments OP27AFKB Datasheet HTML 3Page - Texas Instruments OP27AFKB Datasheet HTML 4Page - Texas Instruments OP27AFKB Datasheet HTML 5Page - Texas Instruments OP27AFKB Datasheet HTML 6Page - Texas Instruments OP27AFKB Datasheet HTML 7Page - Texas Instruments OP27AFKB Datasheet HTML 8Page - Texas Instruments OP27AFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
OP27 operating characteristics, VCC± = ±15 V, TA = 255C
PARAMETER
TEST CONDITIONS
OP27A
OP27C
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate
AVD ≥ 1,
RL ≥ 2 kΩ
1.7
2.8
1.7
2.8
V/
μs
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz, RS = 20 Ω,
See Figure 26
0.225
0.375
0.225
0.375
μV
V
Equivalent input noise voltage
f = 10 Hz,
RS = 20 Ω
3.5
8
3.8
8
nV/
√H
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω
3
4
3.2
4
nV/
√Hz
I
Equivalent input noise current
f = 10 Hz,
See Figure 27
5
25
5
25
pA/
√H
In
Equivalent input noise current
f = 1 kHz,
See Figure 27
0.7
2.5
0.7
2.5
pA/
√Hz
Gain-bandwidth product
f = 100 kHz
5
8
5
8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com