Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP27AFKB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OP27AFKB
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP27AFKB Datasheet(HTML) 6 Page - Texas Instruments

Back Button OP27AFKB Datasheet HTML 2Page - Texas Instruments OP27AFKB Datasheet HTML 3Page - Texas Instruments OP27AFKB Datasheet HTML 4Page - Texas Instruments OP27AFKB Datasheet HTML 5Page - Texas Instruments OP27AFKB Datasheet HTML 6Page - Texas Instruments OP27AFKB Datasheet HTML 7Page - Texas Instruments OP27AFKB Datasheet HTML 8Page - Texas Instruments OP27AFKB Datasheet HTML 9Page - Texas Instruments OP27AFKB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Temperature
1
ΔVIO
Change in input offset voltage
vs Time after power on
vs Time (long-term drift)
2
3
IIO
Input offset current
vs Temperature
4
IIB
Input bias current
vs Temperature
5
VICR
Common-mode input voltage range
vs Supply voltage
6
VOM
Maximum peak output voltage
vs Load resistance
7
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
8
AVD
Differential voltage amplification
vs Supply voltage
vs Load resistance
vs Frequency
9
10
11, 12
CMRR
Common-mode rejection ratio
vs Frequency
13
kSVR
Supply voltage rejection ratio
vs Frequency
14
SR
Slew rate
vs Temperature
15
φm
Phase margin
vs Temperature
16
φ
Phase shift
vs Frequency
11
Vn
Equivalent input noise voltage
vs Bandwidth
vs Source resistance
vs Supply voltage
vs Temperature
vs Frequency
17
18
19
20
21
Gain-bandwidth product
vs Temperature
16
IOS
Short-circuit output current
vs Time
22
ICC
Supply current
vs Supply voltage
23
Pulse response
Small signal
Large signal
24
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com