Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-P00DWS65 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTPL-P00DWS65
Description  LITE-ON TECHNOLOGY CORPORATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P00DWS65 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTPL-P00DWS65 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P00DWS65
Page: 1 of
13
BNC-OD-C131/A4
1. Description
The LTPL (LiteOn Power LED) is a revolutionary, energy efficient and ultra compact new light source,
combining the lifetime and reliability advantages of Light Emitting Diodes with the brightness of
conventional lighting. It gives you total design freedom and unmatched brightness, creating a new
opportunities for solid state lighting to displace conventional lighting technologies.
Features
High power LED light source
Long life, up to 100k hours
Instant light (less than 100 ns)
Low voltage DC operated
Low thermal resistance
RoHS Compliant
Lead free reflow solder compatible
Applications
Reading lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Downlighters/Orientation
Decorative/Entertainment
Bollards/Security/Garden
Cove/Undershelf/Task
Traffic signaling/Beacons/ Rail crossing and Wayside
Indoor/Outdoor Commercial Residential Architectural
Edge_lit signs (Exit, point of sale)
2. Outline Dimensions
Notes
1. All dimensions are in millimeters.
2. Tolerance is ±0.2 mm (.008") unless otherwise noted.


Similar Part No. - LTPL-P00DWS65

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-P00DWS57 LITEON-LTPL-P00DWS57 Datasheet
178Kb / 13P
High power LED light source Long life, up to 100k hours Instant light Iess than 100ns
More results

Similar Description - LTPL-P00DWS65

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C930KGKT LITEON-LTST-C930KGKT Datasheet
641Kb / 11P
LITE-ON TECHNOLOGY CORPORATION
logo
Shenzhen Tenand Technol...
LTV-200 TENAND-LTV-200 Datasheet
201Kb / 10P
LITE-ON TECHNOLOGY CORPORATION
LTV-214 TENAND-LTV-214 Datasheet
305Kb / 16P
LITE-ON TECHNOLOGY CORPORATION
LTV-217 TENAND-LTV-217 Datasheet
335Kb / 13P
LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
LITE-ON TECHNOLOGY CORPORATION
LTL-4221NLC LITEON-LTL-4221NLC Datasheet
457Kb / 11P
LITE-ON TECHNOLOGY CORPORATION
LTST-C171KSKT LITEON-LTST-C171KSKT Datasheet
842Kb / 12P
LITE-ON TECHNOLOGY CORPORATION
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
LITE-ON TECHNOLOGY CORPORATION
LTV-214 LITEON-LTV-214 Datasheet
235Kb / 14P
LITE-ON TECHNOLOGY CORPORATION
LTW-M140SZS40 LITEON-LTW-M140SZS40 Datasheet
538Kb / 12P
LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com