Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPL-P00DWS65 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTPL-P00DWS65
Description  LITE-ON TECHNOLOGY CORPORATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P00DWS65 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTPL-P00DWS65 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P00DWS65 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P00DWS65
Page: 4 of
13
BNC-OD-C131/A4
Typical Electrical / Optical Characteristics Curves
0%
20%
40%
60%
80%
100%
400
450
500
550
600
650
700
750
Wavelength (nm)
Fig 1. Relative Spectrum of Emission
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
90°
60
30°
0°
50
100
60°
30°
0°
Fig 2. Radiation Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com