Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08051A101BA2A Datasheet(PDF) 29 Page - AVX Corporation

Part # 08051A101BA2A
Description  C0G (NP0) Dielectric
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08051A101BA2A Datasheet(HTML) 29 Page - AVX Corporation

Back Button 08051A101BA2A Datasheet HTML 25Page - AVX Corporation 08051A101BA2A Datasheet HTML 26Page - AVX Corporation 08051A101BA2A Datasheet HTML 27Page - AVX Corporation 08051A101BA2A Datasheet HTML 28Page - AVX Corporation 08051A101BA2A Datasheet HTML 29Page - AVX Corporation 08051A101BA2A Datasheet HTML 30Page - AVX Corporation 08051A101BA2A Datasheet HTML 31Page - AVX Corporation 08051A101BA2A Datasheet HTML 32Page - AVX Corporation 08051A101BA2A Datasheet HTML 33Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 99 page
background image
28
Y5V Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0201
0402
0603
0805
1206
1210
Soldering
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow Only
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
3.20 ± 0.20
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.30 ± 0.03
0.50 ± 0.10
.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(0.098 ± 0.008)
(t)
Terminal
mm
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
.50 ± 0.25
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
6.3
10
6
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
Cap
820
(pF)
1000
A
2200
A
4700
A
Cap
0.010
A
A
(µF)
0.022
A
0.047
A
C
0.10
C
C
G
G
K
0.22
G
0.33
G
0.47
C
G
G
1.0
C
C
G
G
N
N
N
M
M
M
N
2.2
C
N
4.7
NP
N
N
10.0
NQ
Q
X
Q
Q
22.0
QX
47.0
WVDC
6.3
10
6
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
SIZE
0201
0402
0603
0805
1206
1210
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
L
W
T
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com