Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08051A101BA2A Datasheet(PDF) 69 Page - AVX Corporation

Part # 08051A101BA2A
Description  C0G (NP0) Dielectric
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08051A101BA2A Datasheet(HTML) 69 Page - AVX Corporation

Back Button 08051A101BA2A Datasheet HTML 65Page - AVX Corporation 08051A101BA2A Datasheet HTML 66Page - AVX Corporation 08051A101BA2A Datasheet HTML 67Page - AVX Corporation 08051A101BA2A Datasheet HTML 68Page - AVX Corporation 08051A101BA2A Datasheet HTML 69Page - AVX Corporation 08051A101BA2A Datasheet HTML 70Page - AVX Corporation 08051A101BA2A Datasheet HTML 71Page - AVX Corporation 08051A101BA2A Datasheet HTML 72Page - AVX Corporation 08051A101BA2A Datasheet HTML 73Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
68
IDC Low Inductance Capacitors (SnPb)
0612/0508 IDC with Sn/Pb Termination
0612
PAD LAYOUT
DIMENSIONS
AB
C
D
E
0.89
1.65
2.54
0.46
0.80
(0.035) (0.065) (0.100) (0.018) (0.031)
0508
AB
C
D
E
0.64
1.27
1.91
0.28
0.50
(0.025) (0.050) (0.075) (0.011) (0.020)
L
W
BW
BL
P
3.20 ± 0.20
1.60 ± 0.20
0.41 ± 0.10
0.18
0.80 ± 0.10
(0.126 ± 0.008) (0.063 ± 0.008) (0.016 ± 0.004)
(0.007
)
(0.031 ± 0.004)
+0.010
-0.003
PHYSICAL CHIP DIMENSIONS millimeters (inches)
+0.25
-0.08
L
W
BW
BL
P
2.03±0.20
1.27±0.20
0.254±0.10
0.18
0.50 ± 0.05
(0.080±0.008)
(0.050±0.008)
(0.010±0.004)
(0.007
) (0.020 ± 0.002)
+0.010
-0.003
0508
+0.25
-0.08
0612
PHYSICAL DIMENSIONS AND PAD LAYOUT
A
B
C
D
E
W
BL
BW
T
L
P
SIZE
Thin 0508
0508
Thin 0612
0612
Length
mm
2.03 ± 0.20
2.03 ± 0.20
3.20 ± 0.20
3.20 ± 0.20
(in.)
(0.080 ± 0.008)
(0.080 ± 0.008)
(0.126 ± 0.008)
(0.126 ± 0.008)
Width
mm
1.27 ± 0.20
1.27 ± 0.20
1.60 ± 0.20
1.60 ± 0.20
(in.)
(0.050 ± 0.008)
(0.050 ± 0.008)
(0.063 ± 0.008)
(0.063 ± 0.008)
Terminal
mm
0.50 ± 0.05
0.50 ± 0.05
0.80 ± 0.10
0.80 ± 0.10
Pitch
(in.)
(0.020 ± 0.002)
(0.020 ± 0.002)
(0.031 ± 0.004)
(0.031 ± 0.004)
Thickness
mm
0.55 MAX.
0.95 MAX.
0.55 MAX.
0.95 MAX.
(in.)
(0.022) MAX.
(0.037) MAX.
(0.022) MAX.
(0.037) MAX.
WVDC
4
6.3
10
16
25
4
6.3
10
16
25
4
6.3
10
16
4
6.3
10
16
Cap
(µF)
0.01
0.033
0.047
0.068
0.10
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
= X7R
= X5R
= X7S
Consult factory for
additional requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com