Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0350BA03152S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0350BA03152S
Description  350 MHz SAW Filter 5 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0350BA03152S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0350BA03152S Datasheet HTML 1Page - API Technologies Corp SF0350BA03152S Datasheet HTML 2Page - API Technologies Corp SF0350BA03152S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
350 MHz SAW Filter
5 MHz Bandwidth
Part Number: SF0350BA03152S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0350BA03152S Rev A 19-Mar-2010
ECN 36650
Page 1 of 3
DESCRIPTION
350 MHz SAW bandpass filter with 5 MHz bandwidth.
7 x 5 mm SMP.
RoHS compliant.
TYPICAL PERFORMANCE
Horizontal:
Frequency :
4
MHz/div
Vertical from Top:
Relative Magnitude :
10
dB/div
Relative Magnitude :
1
dB/div
Phase Linearity :
5
deg/div
Group Delay Deviation :
100
ns/div
S11 (330-370 MHz)
S22 (330-370 MHz)


Similar Part No. - SF0350BA03152S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0350BA03152S SPECTRUM-SF0350BA03152S Datasheet
149Kb / 3P
350 MHz SAW Filter 5 MHz Bandwidth
More results

Similar Description - SF0350BA03152S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0350CD03091S ICST-SF0350CD03091S Datasheet
132Kb / 2P
350 MHz Filter 1.6 MHz Bandwidth
Rev X5
SF0350CD03102S ICST-SF0350CD03102S Datasheet
133Kb / 2P
350 MHz Filter 2.6 MHz Bandwidth
Rev X2
logo
API Technologies Corp
SF0250BA03189S APITECH-SF0250BA03189S Datasheet
149Kb / 3P
249.6 MHz SAW Filter 5 MHz Bandwidth
SF0140BA02486S APITECH-SF0140BA02486S Datasheet
150Kb / 3P
140 MHz SAW Filter 5 MHz Bandwidth
SF0140BA02449S APITECH-SF0140BA02449S Datasheet
163Kb / 3P
140 MHz SAW Filter 5 MHz Bandwidth
SF0096BA02438S APITECH-SF0096BA02438S Datasheet
143Kb / 3P
96 MHz SAW Filter 5 MHz bandwidth
logo
Spectrum Microwave, Inc...
SF0350BA03152S SPECTRUM-SF0350BA03152S Datasheet
149Kb / 3P
350 MHz SAW Filter 5 MHz Bandwidth
SF0350CD03091S SPECTRUM-SF0350CD03091S Datasheet
136Kb / 2P
350 MHz Filter 1.6 MHz Bandwidth
SF0350CD03102S SPECTRUM-SF0350CD03102S Datasheet
137Kb / 2P
350 MHz Filter 2.6 MHz Bandwidth
logo
API Technologies Corp
SF0350CD03091S APITECH-SF0350CD03091S Datasheet
136Kb / 2P
350 MHz Filter 1.6 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com