Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0350BA03152S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0350BA03152S
Description  350 MHz SAW Filter 5 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0350BA03152S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0350BA03152S Datasheet HTML 1Page - API Technologies Corp SF0350BA03152S Datasheet HTML 2Page - API Technologies Corp SF0350BA03152S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
350 MHz SAW Filter
5 MHz Bandwidth
Part Number: SF0350BA03152S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0350BA03152S Rev A 19-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
-
350
-
MHz
Insertion Loss at Fc
-
13.2
18
dB
1 dB Bandwidth
2
5
5.6
-
MHz
11 dB Bandwidth
2
6
6.3
-
MHz
41 dB Bandwidth
2
-
9.6
12
MHz
Amplitude Ripple (Fc +/- 2.5 MHz)
-
0.8
1
dB p-p
Group Delay Variation (Fc +/- 2.5 MHz)
-
70
80
ns
Phase Linearity (Fc +/- 2.5 MHz)
-
4
6
deg p-p
Absolute Delay
-
0.78
0.9
us
Rejection (150 to 344 MHz)
2
41
48
-
dB
Rejection (356 to 540 MHz)
2
41
48
-
dB
Temperature Coefficient of Frequency
-18
ppm/˚C
Source/Load Impedance
50
ohms
Ambient Temperature
25
˚C
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies at room ambient.
2. All dB levels are defined relative to the insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-10
60
˚C
Input Power Level
-
13
dBm
MATCHING CIRCUIT
Typical Component values:
Ls1 = 8.2 nH
Ls2 = 8.2 nH
Cp1 = 10 pF
Cp2 = 18 pF
Notes:
Recommend 2% or better tolerance matching components. Typical inductor Q=40.
Optimum values may change depending on board layout. Values shown are intended as a guide only.
Input
50
Single-ended
Output
50
Single-ended
GND
GND
10
4
All other pads



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com