Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0434BA02507S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0434BA02507S
Description  434 MHz SAW Filter 11 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0434BA02507S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0434BA02507S Datasheet HTML 1Page - API Technologies Corp SF0434BA02507S Datasheet HTML 2Page - API Technologies Corp SF0434BA02507S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
434 MHz SAW Filter
11 MHz Bandwidth
Part Number: SF0434BA02507S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0434BA02507S Rev A
25-Mar-2010
ECN 36650
Page 1 of 3
DESCRIPTION
•
Miniature 434 MHz surface acoustic wave (SAW) bandpass filter with an 11 MHz typical 3dB bandwidth
used as RF filter in a low power ISM transceiver, receiver, and transmitter application.
•
3.8 x 3.8 mm SMP.
•
RoHS compliant.
TYPICAL PERFORMANCE


Similar Part No. - SF0434BA02507S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0434BA02507S ICST-SF0434BA02507S Datasheet
62Kb / 2P
434 MHz SAW Filter 4 MHz Bandwidth
Rev X2
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
434 MHz SAW Filter 11 MHz Bandwidth
More results

Similar Description - SF0434BA02507S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
240 MHz SAW Filter 1.23 MHz Bandwidth
Rev X2
SF0434BA02507S ICST-SF0434BA02507S Datasheet
62Kb / 2P
434 MHz SAW Filter 4 MHz Bandwidth
Rev X2
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
434 MHz SAW Filter 11 MHz Bandwidth
SF0434BA02617S SPECTRUM-SF0434BA02617S Datasheet
97Kb / 3P
434 MHz SAW Filter 7 MHz Bandwidth
logo
API Technologies Corp
SF0434BA02617S APITECH-SF0434BA02617S Datasheet
97Kb / 3P
434 MHz SAW Filter 7 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02588S SPECTRUM-SF0869BA02588S Datasheet
169Kb / 3P
869 MHz SAW Filter 11 MHz Bandwidth
SF1220BA02539S SPECTRUM-SF1220BA02539S Datasheet
175Kb / 5P
1220 MHz SAW Filter 3.4 MHz Bandwidth
SF1575BA02506S SPECTRUM-SF1575BA02506S Datasheet
149Kb / 3P
1575.42 MHz SAW Filter 55 MHz Bandwidth
SF1843BA02590S SPECTRUM-SF1843BA02590S Datasheet
79Kb / 3P
1842.5 MHz SAW Filter 75 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02588S APITECH-SF0869BA02588S Datasheet
169Kb / 3P
869 MHz SAW Filter 11 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com