Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0434BA02507S Datasheet(PDF) 3 Page - API Technologies Corp

Part # SF0434BA02507S
Description  434 MHz SAW Filter 11 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0434BA02507S Datasheet(HTML) 3 Page - API Technologies Corp

  SF0434BA02507S Datasheet HTML 1Page - API Technologies Corp SF0434BA02507S Datasheet HTML 2Page - API Technologies Corp SF0434BA02507S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
434 MHz SAW Filter
11 MHz Bandwidth
Part Number: SF0434BA02507S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0434BA02507S Rev A
25-Mar-2010
ECN 36650
Page 3 of 3
PACKAGE OUTLINE
SUGGESTED FOOTPRINT
MARKING
ISO 9001
Registered
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2010 All rights reserved.
Package Material:
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 µm min,
over a 1.3-8.9 µm Ni plating
Units: mm
Tolerances are
±0.15 mm except
where indicated.
Pad Configuration:
Input:
2
Output:
5
Ground:
1,3,4,6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com