Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7248AAP Datasheet(PDF) 1 Page - Analog Devices

Part # AD7248AAP
Description  LC2MOS 12-Bit DACPORTs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7248AAP Datasheet(HTML) 1 Page - Analog Devices

  AD7248AAP Datasheet HTML 1Page - Analog Devices AD7248AAP Datasheet HTML 2Page - Analog Devices AD7248AAP Datasheet HTML 3Page - Analog Devices AD7248AAP Datasheet HTML 4Page - Analog Devices AD7248AAP Datasheet HTML 5Page - Analog Devices AD7248AAP Datasheet HTML 6Page - Analog Devices AD7248AAP Datasheet HTML 7Page - Analog Devices AD7248AAP Datasheet HTML 8Page - Analog Devices AD7248AAP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
12-Bit DACPORTs
AD7245A/AD7248A
FEATURES
12-Bit CMOS DAC with Output Amplifier and
Reference
Improved AD7245/AD7248:
12 V to 15 V Operation
1/2 LSB Linearity Grade
Faster Interface—30 ns Typ Data Setup Time
Extended Plastic Temperature Range (–40 C to +85 C)
Single or Dual Supply Operation
Low Power—65 mW Typ in Single Supply
Parallel Loading Structure: AD7245A
(8+4) Loading Structure: AD7248A
GENERAL DESCRIPTION
The AD7245A/AD7248A is an enhanced version of the industry
standard AD7245/AD7248. Improvements include operation
from 12 V to 15 V supplies, a
± 1/2 LSB linearity grade, faster
interface times and better full scale and reference variations with
VDD. Additional features include extended temperature range
operation for commercial and industrial grades.
The AD7245A/AD7248A is a complete, 12-bit, voltage output,
digital-to-analog converter with output amplifier and Zener voltage
reference on a monolithic CMOS chip. No external user trims
are required to achieve full specified performance.
Both parts are microprocessor compatible, with high speed data
latches and double-buffered interface logic. The AD7245A accepts
12-bit parallel data that is loaded into the input latch on the
rising edge of
CS or WR. The AD7248A has an 8-bit-wide data
bus with data loaded to the input latch in two write operations.
For both parts, an asynchronous
LDAC signal transfers data
from the input latch to the DAC latch and updates the analog
output. The AD7245A also has a
CLR signal on the DAC latch
which allows features such as power-on reset to be implemented.
The on-chip 5 V buried Zener diode provides a low noise, tem-
perature compensated reference for the DAC. For single supply
operation, two output ranges of 0 V to 5 V and 0 V to 10 V are
available, while these two ranges plus an additional
±5 V range
are available with dual supplies. The output amplifiers are capa-
ble of developing 10 V across a 2 k
Ω load to GND.
The AD7245A/AD7248A is fabricated in linear compatible CMOS
(LC
2MOS), an advanced, mixed technology process that combines
precision bipolar circuits with low power CMOS logic. The
AD7245A is available in a small, 0.3" wide, 24-lead DIP and
SOIC and in 28-terminal surface mount packages. The AD7248A
is packaged in a small, 0.3" wide, 20-lead DIP and SOIC and in
20-terminal surface mount packages.
DACPORT is a registered trademark of Analog Devices, Inc.
AD7245A FUNCTIONAL BLOCK DIAGRAM
DB0 DB11
DGND
VSS
AGND
VDD
REF OUT
ROFS
RFB
VOUT
AD7245A
VREF
2R
2R
CONTROL
LOGIC
DAC
DAC LATCH
INPUT LATCH
CS
WR
LDAC
CLR
AD7248A FUNCTIONAL BLOCK DIAGRAM
DB7
DB0
DGND
VSS
CSMSB
CSLSB
LDAC
WR
AGND
VDD
REF OUT
ROFS
RFB
VOUT
AD7248A
VREF
2R
2R
CONTROL
LOGIC
DAC
DAC LATCH
4-BIT
INPUT
LATCH
8-BIT
INPUT
LATCH
PRODUCT HIGHLIGHTS
1. The AD7245A/AD7248A is a 12-bit DACPORT
® on a single
chip. This single chip design and small package size offer
considerable space saving and increased reliability over
multichip designs.
2. The improved interface times on the part allows easy, direct
interfacing to most modern microprocessors.
3. The AD7245A/AD7248A features a wide power supply range
allowing operation from 12 V supplies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001


Similar Part No. - AD7248AAP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7248AAP AD-AD7248AAP Datasheet
306Kb / 16P
LC2MOS 12-Bit DACPORTs
AD7248AAP AD-AD7248AAP Datasheet
669Kb / 16P
LC2MOS 12-Bit DACPORTs
REV. B
AD7248AAP AD-AD7248AAP Datasheet
669Kb / 16P
LC2MOS 12-Bit DACPORTs
REV. B
More results

Similar Description - AD7248AAP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7237A AD-AD7237A Datasheet
392Kb / 12P
LC2MOS Dual 12-Bit DACPORTs
AD7245 AD-AD7245 Datasheet
1Mb / 16P
LC2MOS 12-Bit DACPORT
AD7245A AD-AD7245A Datasheet
306Kb / 16P
LC2MOS 12-Bit DACPORTs
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
LC2MOS 12-BiT DACPORT
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
LC2MOS 12-Bit DACPORTs
REV. B
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
LC MOS 12-Bit DACPORTs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com