Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7248AAP Datasheet(PDF) 3 Page - Analog Devices

Part # AD7248AAP
Description  LC2MOS 12-Bit DACPORTs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7248AAP Datasheet(HTML) 3 Page - Analog Devices

  AD7248AAP Datasheet HTML 1Page - Analog Devices AD7248AAP Datasheet HTML 2Page - Analog Devices AD7248AAP Datasheet HTML 3Page - Analog Devices AD7248AAP Datasheet HTML 4Page - Analog Devices AD7248AAP Datasheet HTML 5Page - Analog Devices AD7248AAP Datasheet HTML 6Page - Analog Devices AD7248AAP Datasheet HTML 7Page - Analog Devices AD7248AAP Datasheet HTML 8Page - Analog Devices AD7248AAP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7245A/AD7248A
REV. B
–3–
SWITCHING CHARACTERISTICS
1
Parameter
A, B Versions
T Version
Unit
Conditions
t1
@ 25
°C
55
55
ns typ
Chip Select Pulsewidth
TMIN to TMAX
80
100
ns min
t2
@ 25
°C
40
40
ns typ
Write Pulsewidth
TMIN to TMAX
80
100
ns min
t3
@ 25
°C
0
0
ns min
Chip Select to Write Setup Time
TMIN to TMAX
0
0
ns min
t4
@ 25
°C
0
0
ns min
Chip Select to Write Hold Time
TMIN to TMAX
0
0
ns min
t5
@ 25
°C
40
40
ns typ
Data Valid to Write Setup Time
TMIN to TMAX
80
80
ns min
t6
@ 25
°C
10
10
ns min
Data Valid to Write Hold Time
TMIN to TMAX
10
10
ns min
t7
@ 25
°C
40
40
ns typ
Load DAC Pulsewidth
TMIN to TMAX
80
100
ns min
t8 (AD7245A Only)
@ 25
°C
40
40
ns typ
Clear Pulsewidth
TMIN to TMAX
80
100
ns min
NOTES
1Sample tested at 25
°C to ensure compliance.
2Power supply tolerance is
±10%.
ABSOLUTE MAXIMUM RATINGS
1
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +17 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +17 V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +34 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD + 0.3 V
VOUT to AGND
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
VOUT to VSS
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, 24 V
VOUT to VDD
2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –32 V, 0 V
REF OUT
2 to AGND . . . . . . . . . . . . . . . . . . . . . . . . 0 V, V
DD
Power Dissipation (Any Package) to 75
°C . . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature
Commercial (A, B Versions) . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2The output may be shorted to voltages in this range provided the power dissipation
of the package is not exceeded. V OUT short circuit current is typically
80 mA.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7245A/AD7248A features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
(VDD = +12 V to +15 V;
2 V
SS = 0 V to –12 V to –15 V;
2 See Figures 5 and 7.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com