Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS170 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS170
Description  4 x 4 REGISTER FILE OPEN-COLLECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS170 Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS170 Datasheet HTML 1Page - Motorola, Inc SN54LS170 Datasheet HTML 2Page - Motorola, Inc SN54LS170 Datasheet HTML 3Page - Motorola, Inc SN54LS170 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-1
FAST AND LS TTL DATA
4 x 4 REGISTER FILE
OPEN-COLLECTOR
The TTL / MSI SN54 / 74LS170 is a high-speed, low-power 4 x 4 Register
File organized as four words by four bits. Separate read and write inputs, both
address and enable, allow simultaneous read and write operation.
Open-collector outputs make it possible to connect up to 128 outputs in a
wired-AND configuration to increase the word capacity up to 512 words. Any
number of these devices can be operated in parallel to generate an n-bit
length.
The SN54 / 74LS670 provides a similar function to this device but it features
3-state outputs.
• Simultaneous Read/Write Operation
• Expandable to 512 Words of n-Bits
• Typical Access Time of 20 ns
• Low Leakage Open-Collector Outputs for Expansion
• Typical Power Dissipation of 125 mW
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
CONNECTION DIAGRAM DIP (TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
D2
D1
WA
WB
EW
Q1
ER
Q2
D3
D4
RB
RA
Q4
Q3
GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
D1 – D4
WA, WB
EW
RA, RB
ER
Q1 – Q4
Data Inputs
Write Address Inputs
Write Enable (Active LOW) Input
Read Address Inputs
Read Enable (Active LOW) Input
Outputs (Note b)
0.5 U.L.
0.5 U.L.
1.0 U.L.
0.5 U.L.
1.0 U.L.
Open-Collector
0.25 U.L.
0.25 U.L.
0.5 U.L.
0.25 U.L.
0.5 U.L.
5 (2.5) U.L.
NOTES:
a. 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
b. Temperature Ranges. The Output HIGH drive must be supplied by an external resistor to VCC.
SN54/74LS170
4 x 4 REGISTER FILE
OPEN-COLLECTOR
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
12
15 1 2 3
13
14
4
5
11
10 9
7 6
EW
WA
WB
RB
RA
ER
D2 D3 D4
D1
Q4
Q3
Q1 Q2


Similar Part No. - SN54LS170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS170 TI-SN54LS170 Datasheet
453Kb / 12P
4-BY-4 REGISTER FILES WITH OPEN-COLLECTOR OUTPUTS
SN54LS170 TI-SN54LS170 Datasheet
795Kb / 23P
4-BY-4 REGISTER FILES WITH OPEN-COLLECTOR OUTPUTS
SN54LS170FK TI-SN54LS170FK Datasheet
453Kb / 12P
4-BY-4 REGISTER FILES WITH OPEN-COLLECTOR OUTPUTS
SN54LS170J TI-SN54LS170J Datasheet
453Kb / 12P
4-BY-4 REGISTER FILES WITH OPEN-COLLECTOR OUTPUTS
SN54LS170J TI-SN54LS170J Datasheet
795Kb / 23P
4-BY-4 REGISTER FILES WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN54LS170

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC10H145 ONSEMI-MC10H145 Datasheet
104Kb / 5P
16 x 4 Bit Register File(RAM)
REV 5
logo
NXP Semiconductors
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
4 x 4 register file; 3-state
December 1990
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
4 x 4 Register File with 3-State Output
HD74LS170 HITACHI-HD74LS170 Datasheet
95Kb / 7P
4-by-4 Register File(with open collector outputs)
logo
National Semiconductor ...
54LS170 NSC-54LS170 Datasheet
103Kb / 4P
4x4 REGISTER FILE WITH OPEN-COLLECTOR OUTPUTS
logo
List of Unclassifed Man...
74170 ETC1-74170 Datasheet
324Kb / 3P
4 X 4 REGISTER FILE (With Open-Collector Output)
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
4 WORD x 4 BIT REGISTER FILE (3 STATE)
Aug-2001
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
4 x 4 register file 3-state
December 1990
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com