Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS170 Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN54LS170
Description  4 x 4 REGISTER FILE OPEN-COLLECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS170 Datasheet(HTML) 3 Page - Motorola, Inc

  SN54LS170 Datasheet HTML 1Page - Motorola, Inc SN54LS170 Datasheet HTML 2Page - Motorola, Inc SN54LS170 Datasheet HTML 3Page - Motorola, Inc SN54LS170 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-3
FAST AND LS TTL DATA
SN54/74LS170
WRITE FUNCTION TABLE (SEE NOTES A, B, AND C)
READ FUNCTION TABLE (SEE NOTES A AND D)
WRITE INPUTS
WORD
READ INPUTS
OUTPUTS
WB
WA
EW
0
1
2
3
RB
RA
ER
Q1
Q2
Q3
Q4
L
L
L
Q = D
Q0
Q0
Q0
L
L
L
W0B1
W0B2
W0B3
W0B4
L
H
L
Q0
Q = D
Q0
Q0
L
H
L
W1B1
W1B2
W1B3
W1B4
H
L
L
Q0
Q0
Q = D
Q0
H
L
L
W2B1
W2B2
W2B3
W2B4
H
H
L
Q0
Q0
Q0
Q = D
H
H
L
W3B1
W3B2
W3B3
W3B4
X
X
H
Q0
Q0
Q0
Q0
X
X
H
H
H
H
H
NOTES: A. H = HIGH Level. L = LOW Level, X = Irrelevant.
NOTES: B. (Q = D) = The four selected internal flip-flop outputs will assume the states applied to the four external data inputs.
NOTES: C. Q0 = the level of Q before the indicated input conditions were established.
NOTES: D. W0B1 = The first bit of word 0, etc.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
VOH
Output Voltage — High
54, 74
5.5
V
IOL
Output Current — Low
54
74
4.0
8.0
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
IOH
Output HIGH Current
54, 74
100
µA
VCC = MIN, VOH = MAX
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IIH
Input HIGH Current
Any D, R, W
ER, EW
20
40
µA
VCC = MAX, VIN = 2.4 V
IIH
Any D, R, W
ER, EW
0.1
0.2
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
Any D, R, W
ER, EW
– 0.4
– 0.8
mA
VCC = MAX, VIN = 0.4 V
ICC
Power Supply Current
40
mA
VCC = MAX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com