Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1018SS Datasheet(PDF) 6 Page - LDT Co., Ltd

Part # LD1018SS
Description  16 Channel Constant Current LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1018SS Datasheet(HTML) 6 Page - LDT Co., Ltd

Back Button LD1018SS Datasheet HTML 2Page - LDT Co., Ltd LD1018SS Datasheet HTML 3Page - LDT Co., Ltd LD1018SS Datasheet HTML 4Page - LDT Co., Ltd LD1018SS Datasheet HTML 5Page - LDT Co., Ltd LD1018SS Datasheet HTML 6Page - LDT Co., Ltd LD1018SS Datasheet HTML 7Page - LDT Co., Ltd LD1018SS Datasheet HTML 8Page - LDT Co., Ltd LD1018SS Datasheet HTML 9Page - LDT Co., Ltd LD1018SS Datasheet HTML 10Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Ver2.0
6
LD1018
16 Channel Constant Current Driver
MAXIMUM RATINGS
mA
725
I
GND
GND Terminal Current
W
1.67
P
D
SOP
Power
Dissipation
( On PCB, TA = 25 ℃)
1.48
SSOP
SSOP
SOP
MHz
30
F
CLK
CLOCK Frequency
V
-0.4 ~ V
DD + 0.4
V
IN
Input Voltage
mA
60
I
OUT
Output Current
V
-0.5 ~ 7.0
V
OUT
Output Voltage
V
0 ~ 7.0
V
DD
Supply Voltage
85
℃
-40 ~ 85
T
opr
Operation Temperature
℃/W
75
R
th(j-a)
Thermal Resistance
( On PCB, TA = 25 ℃)
℃
-55 ~ 150
T
stg
Storage Temperature
Unit
Rating
Symbol
Characteristic
(Ta = 25 ℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com