Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1018SS Datasheet(PDF) 10 Page - LDT Co., Ltd

Part # LD1018SS
Description  16 Channel Constant Current LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1018SS Datasheet(HTML) 10 Page - LDT Co., Ltd

Back Button LD1018SS Datasheet HTML 6Page - LDT Co., Ltd LD1018SS Datasheet HTML 7Page - LDT Co., Ltd LD1018SS Datasheet HTML 8Page - LDT Co., Ltd LD1018SS Datasheet HTML 9Page - LDT Co., Ltd LD1018SS Datasheet HTML 10Page - LDT Co., Ltd LD1018SS Datasheet HTML 11Page - LDT Co., Ltd LD1018SS Datasheet HTML 12Page - LDT Co., Ltd LD1018SS Datasheet HTML 13Page - LDT Co., Ltd LD1018SS Datasheet HTML 14Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Ver2.0
10
LD1018
16 Channel Constant Current Driver
ns
-
-
-
tpHL2
STROBE-OUTn
ns
20
10
tW_CLK
CLOCK
ns
160
60
TpLH1
CLOCK-OUTn
ns
40
tW_STB
STROBE
ns
-
80
tW_OEB
OEB
MHz
30
fCLKMAX
Maximum CLOCK Frequency
ns
-
-
10
tsD
Data Setup Time
ns
-
-
10
thD
Data Hold Time
ns
-
-
40
tsS
STROBE Setup Time
ns
-
-
10
thS
STROBE Hold Time
ns
50
tr
Maximum Clock Rise Time
ns
50
tf
Maximum Clock Fall Time
ns
25
tor
Maximum Output Rise Time
ns
25
tof
Maximum Output Fall Time
Pulse Width
ns
25
-
-
VDD = 5.0V
VOUT = 1.0V
VIH = VDD
VIL = GND
fCLK = 10MHz
REXT = 0.5㏀
IOUTn = 40mA
VL = 3.0V
CL = 10.0pF
RL = 50Ω
tpLH
CLOCK-DOUT
Propagation
Delay Time
(Low to High)
ns
160
50
tpLH2
STROBE-OUTn
ns
120
-
30
tpLH3
OEB-OUTn
ns
25
-
-
tpHL
CLOCK-DOUT
ns
180
50
tpHL3
OEB-OUTn
ns
160
60
tpHL1
CLOCK-OUTn
Propagation
Delay Time
(High to Low)
Unit
Max.
Typ.
Min.
Condition
Symbol
Characteristics
AC CHARACTERISTICS (VDD=3.3V)
(Ta = 25 ℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com