Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1071 Datasheet(PDF) 21 Page - LDT Co., Ltd

Part # LD1071
Description  16 Channel Output LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1071 Datasheet(HTML) 21 Page - LDT Co., Ltd

Back Button LD1071 Datasheet HTML 17Page - LDT Co., Ltd LD1071 Datasheet HTML 18Page - LDT Co., Ltd LD1071 Datasheet HTML 19Page - LDT Co., Ltd LD1071 Datasheet HTML 20Page - LDT Co., Ltd LD1071 Datasheet HTML 21Page - LDT Co., Ltd LD1071 Datasheet HTML 22Page - LDT Co., Ltd LD1071 Datasheet HTML 23Page - LDT Co., Ltd LD1071 Datasheet HTML 24Page - LDT Co., Ltd LD1071 Datasheet HTML 25Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Ver1.0
21
LD1071
16 Channel Output LED Driver with 14 bit PWM Controller
Error Detection Code
Open Check
Output Port status
Error Detection Voltage
Meaning
OFF
OUT Voltage > 0.8V
Normal
OUT Voltage < 0.8V
Open Error
Short Check
OFF
OUT Voltage > 0.8V
Normal
OUT Voltage < 0.8V
Short Error
Error Status Register ( ER[15:0] )
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
OUT15 OUT14 OUT13 OUT12 OUT11 OUT10 OUT9 OUT8 OUT7 OUT6
OUT5 OUT4
OUT3 OUT2 OUT1 OUT0
16 bit Shifter Register
DOUT
Error Status Read Command
0 : Normal
1 : Open or Short Error
- Open Error : Output port( OUTn ) is not connected to LED.
- Short Error : Output port( OUTn ) is shorted to GND.
ERROR DETECTION
The LD1071 will be able to detect the error status of LED such as open/short error. This function can be
entered by setting the bits of Error Detection Mode( CR[9:8] ) as 01b( Open Detection ) or 10b( Short
Detection ). The correct meaning of error is defined as follows;
Timing Diagram of Error Status Check
Note *1) In order to keep the Constant Current Value( CR[7:0] ) and Global Latch Mode( CR[10] ) correctly, maybe you need to
read the Configuration Register through the Configuration Register Read Command( 0038h ) prior to set Error
Detection Mode.
CLOCK
DIN
STROBE
DOUT
PWMCK
OUTn
Previous Data
2
115
16
1
2
15
16
C1
C0
C15
D1
D0
D15
2
13
4
13
14
15
16
C1
C0
C3
12
3
15
16
14
Don’t Care
ER15 ER14 ER13
ER1
ER0
Error Status Read Command
Set Error Detection Mode
0034h
003Ch
D[9:8] *1)
Actual Read Operation
The next timing diagram shows the sequence of error status read operation. The actual error status is
read with MSB first after execution of Error Status Read Command. First of all, in order to read the error
status, all the output ports (OUT15~OUT0) should be off. So you need some pre-processing for error
status read. The flow chart will be provided on next page.
C13
C15
C2
C14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com