Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1071 Datasheet(PDF) 13 Page - LDT Co., Ltd

Part # LD1071
Description  16 Channel Output LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1071 Datasheet(HTML) 13 Page - LDT Co., Ltd

Back Button LD1071 Datasheet HTML 9Page - LDT Co., Ltd LD1071 Datasheet HTML 10Page - LDT Co., Ltd LD1071 Datasheet HTML 11Page - LDT Co., Ltd LD1071 Datasheet HTML 12Page - LDT Co., Ltd LD1071 Datasheet HTML 13Page - LDT Co., Ltd LD1071 Datasheet HTML 14Page - LDT Co., Ltd LD1071 Datasheet HTML 15Page - LDT Co., Ltd LD1071 Datasheet HTML 16Page - LDT Co., Ltd LD1071 Datasheet HTML 17Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Ver1.0
13
LD1071
16 Channel Output LED Driver with 14 bit PWM Controller
Configuration Register Read Command (0038h)
Configuration Register Write Command (0034h)
CLOCK
DIN
STROBE
DOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
14
15
16
17
18
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
D0
D1
D2
D14
D15
D16
D17
D18
Previous Data
MSB
LSB
0
0
1
0
1
1
0
0
0
0
0
0
0
0
0
0
C0
C1
C2
C14
C15
D0
D1
D2
TIMING DIAGRAM OF COMMAND CONTROL
Software Reset Command (0001h)
CLOCK
DIN
STROBE
DOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
D0
D1
D2
D14
D15
D16
D17
D18
Previous Data
MSB
LSB
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C0
C1
C2
C14
C15
D0
D1
D2
Error Status Read Command (003Ch)
CLOCK
DIN
STROBE
DOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
14
15
16
Previous Data
MSB
LSB
0
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
CLOCK
DIN
STROBE
DOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
14
15
16
Previous Data
MSB
LSB
0
0
1
1
1
1
0
0
0
0
0
0
0
0
0
0
ER15 ER14 ER13
ER1
ER0
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
Don’t Care
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
Don’t Care
CR15 CR14 CR13
CR1
CR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com