Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO113 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO113
Description  Low-Cost, High-Voltage, Internally Powered OUTPUT ISOLATION AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO113 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ISO113 Datasheet HTML 1Page - Burr-Brown (TI) ISO113 Datasheet HTML 2Page - Burr-Brown (TI) ISO113 Datasheet HTML 3Page - Burr-Brown (TI) ISO113 Datasheet HTML 4Page - Burr-Brown (TI) ISO113 Datasheet HTML 5Page - Burr-Brown (TI) ISO113 Datasheet HTML 6Page - Burr-Brown (TI) ISO113 Datasheet HTML 7Page - Burr-Brown (TI) ISO113 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
®
ISO113
4
TYPICAL PERFORMANCE CURVES
At TA = +25°C,VCC1 = ±15VDC, ±15mA output, current unless otherwise noted.
RECOMMENDED RANGE OF ISOLATION VOLTAGE
100
1k
10k
100k
1M
10M
10k
2.1k
1k
100
10
1
Barrier Voltage Rating
Non-Specified
Signal
Operation
2100V
at 75kHz
Operational
Region
Isolation Voltage Frequency (Hz)
IMR/LEAKAGE vs FREQUENCY
140
130
120
110
100
10
100
1k
10k
100k
10mA
1mA
100µA
10µA
1µA
100nA
Leakage at
1500Vrms
Leakage at
240Vrms
IMR
Isolation Voltage Frequency (Hz)
90
DISTORTION vs FREQUENCY
1k
Frequency (Hz)
10
100
10k
10
1
0.1
0.01
V
= 2Vp-p
O
V
= 20Vp-p
O
GAIN/PHASE vs FREQUENCY
1k
100
10k
100k
Small Signal Frequency (Hz)
3
0
–3
–9
–12
–15
–6
0
45
90
135
180
Gain
Phase
20
10
0
–10
–20
Time (µs)
0
50
100
LARGE SIGNAL TRANSIENT RESPONSE
ISOLATED POWER SUPPLY
LOAD REGULATION AND EFFICIENCY
±V
Supply Output Current (mA)
CC1
10
20
20
40
30
60
40
80
0
15
30
45
60
17
16
15
14
13
Output Voltage
Single-Ended Loads
0
0
Output Voltage
Balanced Loads
Balanced Load Efficiency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com