Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO113 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO113
Description  Low-Cost, High-Voltage, Internally Powered OUTPUT ISOLATION AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO113 Datasheet(HTML) 7 Page - Burr-Brown (TI)

  ISO113 Datasheet HTML 1Page - Burr-Brown (TI) ISO113 Datasheet HTML 2Page - Burr-Brown (TI) ISO113 Datasheet HTML 3Page - Burr-Brown (TI) ISO113 Datasheet HTML 4Page - Burr-Brown (TI) ISO113 Datasheet HTML 5Page - Burr-Brown (TI) ISO113 Datasheet HTML 6Page - Burr-Brown (TI) ISO113 Datasheet HTML 7Page - Burr-Brown (TI) ISO113 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
®
ISO113
7
FIGURE 2b. Gain Setting.
FIGURE 2a. Gain Adjust.
V
21
IN
22
1k
Ω
R
1
11
10
9
R
2
2k
Ω
V
OUT
V
21
IN
22
11
10
9
Sense
V
OUT
R
2
R
1
Gain = 1 + (R
1 /R2 + R1 /200k)
adjustment range, with R2 ≥ 2R1. If safety or convenience
dictate location of the adjustment potentiometer on the other
side of the barrier from the position shown in Figure 2a, the
position of R1 and R2 may be reversed.
Gains greater than 1 may be obtained by using the circuit of
Figure 2b. Note that the effect of input referred errors will be
multiplied at the output in proportion to the increase in gain.
Also, the small-signal bandwidth will be decreased in in-
verse proportion to the increase in gain. In most instances, a
precision gain block at the input of the isolation amplifier
will provide better overall performance.
Figure 3 shows a method for trimming VOS of the ISO113.
This circuit may be applied to Signal Com1. With the values
shown,
±15V supplies and unity gain, the circuit will pro-
vide
±150mV adjustment range and 0.25mV resolution with
a typical trim potentiometer. The output will have some
sensitivity to power supply variations. For a
±100mV trim,
power supply sensitivity is 8mV/V at the output.
11
10
9
Sense
V
OUT
400
Ω
4.7nF
V
21
IN
22
FIGURE 4. Ripple Reduction.
MULTICHANNEL SYNCHRONIZATION
Synchronization of multiple ISO113s can be accomplished
by connecting pin 3 of each device to an external TTL level
oscillator, as shown in Figure 7. The PWS750-1 oscillator is
convenient because its nominal synchronizing output fre-
quency is 1.6MHz, resulting in a 800kHz carrier in the
ISO113 (its nominal unsynchronized value). The open col-
lector output typically switches 7.5mA to a 0.2V low level
so that the external pull up resistor can be chosen for
different pull-up voltages as shown in Figure 7. The number
of channels synchronized by one PWS750-1 is determined
by the total capacitance of the sync voltage conductors. They
must be less than 1000pF to ensure TTL level switching at
800kHz. At higher frequencies the capacitance must be
proportionally lower.
Customers can supply their own TTL level synchronization
logic, provided the frequency is between 1.2MHz and 2MHz,
and the duty cycle is greater than 25%.
Single or multichannel synchronization with reduced power
dissipation for applications requiring less than
±15mA from
VCC1 is accomplished by driving both the Sync input pin (3)
and Enable pin (1) with the TTL oscillator as shown in
Figure 5.
+V
CC1
1M
Ω
10k
Ω
Signal Com 1
100k
Ω
or +V
CC2
–V
CC1 or –VCC2
FIGURE 3. VOS Adjust.
OPTIONAL OUTPUT FILTER
Figure 4 shows an optional output ripple filter that reduces
the 800kHz ripple voltage to <5mVp-p without compromis-
ing DC performance. The small signal bandwidth is ex-
tended above 30kHz as a result of this compensation.
TTL Oscillation
23
ISO
12
3
15 14 13
16
113
External
Load
<15mA
12
+V
CC1
I
Q (Reduced)
ISOLATION BARRIER VOLTAGE
The typical performance of the ISO113 under conditions of
barrier voltage stress is indicated in the first two perform-
ance curves—Recommended Range of Isolation Voltage
and IMR/ Leakage vs Frequency. At low barrier modulation
FIGURE 5. Reduced Power Dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com