Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3000 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3000
Description  Stereo Audio CODEC 18-BITS, SERIAL INTERFACE TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3000 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PCM3000 Datasheet HTML 1Page - Burr-Brown (TI) PCM3000 Datasheet HTML 2Page - Burr-Brown (TI) PCM3000 Datasheet HTML 3Page - Burr-Brown (TI) PCM3000 Datasheet HTML 4Page - Burr-Brown (TI) PCM3000 Datasheet HTML 5Page - Burr-Brown (TI) PCM3000 Datasheet HTML 6Page - Burr-Brown (TI) PCM3000 Datasheet HTML 7Page - Burr-Brown (TI) PCM3000 Datasheet HTML 8Page - Burr-Brown (TI) PCM3000 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
®
2
PCM3000/3001
SPECIFICATIONS
All specifications at +25
°C, V
DD = VCC = +5V, fS = 44.1kHz, SYSCLK = 384fS, CLKIO Input, 18-bit data, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN
product for use in life support devices and/or systems.
NOTES: (1) Pins 16, 17, 18, 22, 25, 26, 27, 28: LRCIN, BCKIN, DIN, CLKIO, MC/FMT2, MD/FMT1, ML/FMT0, RSTB. (2) Pins 16, 17, 18, 22: LRCIN, BCKIN, DIN,
CLKIO (Schmitt Trigger Input). (3) Pins 25, 26, 27, 28: MC/FMT2, MD/FMT1, ML/FMT0, RSTB (Schmitt Trigger Input, 70k
Ω Internal Pull-Up Resistor). (4) Pin 20:
XTI. (5) Pins 19, 22: DOUT,CLKIO. (6) Pin 21: XTO. (7) Refer to Application Bulletin AB-148 for information relating to operation at lower sampling frequencies.
(8) High Pass Filter disabled (PCM3000 only) to measure DC offset. (9) fIN = 1kHz, using Audio Precision System II, rms mode with 20kHz LPF, 400Hz HPF used
for performance calculation. (10) With no load on XTO and CLKIO.
PCM3000E/3001E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUT/OUTPUT
Input Logic
Input Logic Level: VIH(1)
2.0
VDC
VIL(1)
0.8
VDC
Input Logic Current: IIN(2)
±1
µA
Input Logic Current: IIN(3)
–120
µA
Input Logic Level: VIH(4)
0.64 • VDD
VDC
VIL(4)
0.28 • VDD
VDC
Input Logic Current: IIN(4)
±40
µA
Output Logic
Output Logic Level: VOH(5)
IOUT = –1.6mA
4.5
VDC
VOL(5)
IOUT = +3.2mA
0.5
VDC
Output Logic Level: VOH(6)
IOUT = –3.2mA
4.5
VDC
VOL(6)
IOUT = +3.2mA
0.5
VDC
CLOCK FREQUENCY
Sampling Frequency (fS)
32(7)
44.1
48
kHz
System Clock Frequency
256fS
8.1920
11.2896
12.2880
MHz
384fS
12.2880
16.9344
18.4320
MHz
512fS
16.3840
22.5792
24.5760
MHz
ADC CHARACTERISTICS
RESOLUTION
18
Bits
DC ACCURACY
Gain Mismatch Channel-to-Channel
±1.0
±5.0
% of FSR
Gain Error
±2.0
±5.0
% of FSR
Gain Drift
±20
ppm of FSR/
°C
Bipolar Zero Error
High-Pass Filter Off(8)
±1.7
%of FSR
Bipolar Zero Drift
High-Pass Filter Off(8)
±20
ppm of FSR/
°C
DYNAMIC PERFORMANCE(9)
THD+N: VIN = –0.5dB
f = 1kHz
–88
–80
dB
VIN = –60dB
f = 1kHz
–31
dB
Dynamic Range
f = 1kHz, A-Weighted
90
94
dB
Signal-to-Noise Ratio
f = 1kHz, A-Weighted
90
94
dB
Channel Separation
88
92
dB
DIGITAL FILTER PERFORMANCE
Passband
0.454fS
Hz
Stopband
0.583fS
Hz
Passband Ripple
±0.05
dB
Stopband Attenuation
–65
dB
Delay Time (Latency)
17.4/fS
sec
DIGITAL HIGH PASS FILTER RESPONSE
–3dB Frequency
0.019fS
mHz
ANALOG INPUT
Voltage Range
0dB (Full Scale)
2.9
Vp-p
Center Voltage
2.1
V
Input Impedance
15
k
Ω
ANTI-ALIASING FILTER
–3dB Frequency
CEXT = 470pF
170
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com