Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3000 Datasheet(PDF) 21 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3000
Description  Stereo Audio CODEC 18-BITS, SERIAL INTERFACE TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3000 Datasheet(HTML) 21 Page - Burr-Brown (TI)

Back Button PCM3000 Datasheet HTML 13Page - Burr-Brown (TI) PCM3000 Datasheet HTML 14Page - Burr-Brown (TI) PCM3000 Datasheet HTML 15Page - Burr-Brown (TI) PCM3000 Datasheet HTML 16Page - Burr-Brown (TI) PCM3000 Datasheet HTML 17Page - Burr-Brown (TI) PCM3000 Datasheet HTML 18Page - Burr-Brown (TI) PCM3000 Datasheet HTML 19Page - Burr-Brown (TI) PCM3000 Datasheet HTML 20Page - Burr-Brown (TI) PCM3000 Datasheet HTML 21Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
®
21
PCM3000/3001
FIGURE 16. Quantization Noise Spectrum.
Out
64f
S (256fS)
In
8f
S
18-Bit
+
+
+
4
3
2
1
0
5-level Quantizer
+
–
+
Z–1
+
–
+
Z–1
+
+
Z–1
FIGURE 15. 5-Level
∆Σ Modulator Block Diagram.
3rd ORDER
∆Σ MODULATOR
Frequency (kHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
0
5
10
15
20
25
30
+
+
–
+
+
+
5th SW-CAP
Integrator
4th SW-CAP
Integrator
3rd SW-CAP
Integrator
2nd SW-CAP
Integrator
1st SW-CAP
Integrator
+
+
+
+
–
+
+
–
1-Bit
DAC
H(z)
Qn(z)
Analog In
X(z)
Digital Out
Y(z)
Y(z) = STF(z) • X(z) + NTF(z) • Qn(z)
Signal Transfer Function
Noise Transfer Function
STF(z) = H(z) / [1 + H(z)]
NTF(z) = 1/ [1 + H(z)]
Comparator
FIGURE 14. Simplified 5th-Order Delta-Sigma Modulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com