Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12NK65V Datasheet(PDF) 5 Page - SemiHow Co.,Ltd.

Part # HCS12NK65V
Description  650V N-Channel Super Junction MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCS12NK65V Datasheet(HTML) 5 Page - SemiHow Co.,Ltd.

  HCS12NK65V Datasheet HTML 1Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 2Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 3Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 4Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 5Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 6Page - SemiHow Co.,Ltd. HCS12NK65V Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =LL IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BV
DSS
V
in
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
V
DD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
I
D (t)
Time
V
DD
( 0.5 rated V
DS )
10V
V
DS
R
L
DUT
R
G
3mA
V
GS
DUT
V
DS
300nF
200nF
12V
Same Type
as DUT
10V
DUT
R
G
L
I
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com